전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP141AIDGKT 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 TMP141AIDGKT
상세설명  Digital Out Temperature Sensor with Single-Wire SensorPath Bus
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMP141AIDGKT 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TMP141AIDGKT Datasheet HTML 6Page - Texas Instruments TMP141AIDGKT Datasheet HTML 7Page - Texas Instruments TMP141AIDGKT Datasheet HTML 8Page - Texas Instruments TMP141AIDGKT Datasheet HTML 9Page - Texas Instruments TMP141AIDGKT Datasheet HTML 10Page - Texas Instruments TMP141AIDGKT Datasheet HTML 11Page - Texas Instruments TMP141AIDGKT Datasheet HTML 12Page - Texas Instruments TMP141AIDGKT Datasheet HTML 13Page - Texas Instruments TMP141AIDGKT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
TMP141
SBAS347A − MARCH 2005 − REVISED JULY 2006
www.ti.com
10
APPLICATIONS INFORMATION
Table 1. Register Set Summary
ADDRESS
RESET
VALUE
BIT POSITION (MSB to the left. In a transmission, the MSB is sent first.)
ADDRESS
(hex)
NAME
R/W
VALUE
(hex)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
Device
Number
R
1(1)
Not Available (this register is 8 bits long)
Reserved
See Table 2
0
Device
Number
R
1(1)
Not Available (this register is 8 bits long)
0
0
0
0
0
AS2
AS1
AS0
1
Manufacturer
ID
R
104C
0
0
0
1
0
0
0
0
0
1
0
0
1
1
0
0
2
Device ID
R
8D
Revision ID
Device ID
2
Device ID
R
8D
0
0
0
0
0
0
0
0
1
0
0
0
1
1
0
1
3
Capabilities
R
1
Reserved
Function 1
3
Capabilities
R
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
4
Status
R
0
Not Available (this register is 8 bits long)
BER
0
0
ORUN
0
0
0
SF1
5
Device
Control
R/W
0
Reserved
ENAB
Res
Low
Pwr
Shut
Down
Reset
5
Device
Control
R/W
0
0
0
0
0
0
0
0
0
0
0
0
ENAB
0
Low
Pwr
Shut
Down
Reset
8
Temperature
Capabilities
R
014A
Reserved
Internal
Sense
ROUT
Size
Sign
Result is10 Bits
Resolution Is 0.25
°C
8
Capabilities
R
014A
0
0
0
0
0
0
0
1
0
1
0
0
1
0
1
0
9
Temperature
Readout
R
0
Sign
64
°C 32°C 16°C 8°C
4
°C
2
°C
1
°C
0.5
°C
0.25
°C
Reserved
9
Temperature
Readout
R
0
Sign
64
°C 32°C 16°C 8°C
4
°C
2
°C
1
°C
0.5
°C
0.25
°C
0
0
0
0
0
0
A
Temperature
Control
R/W
0
EN_S
AT_E
A
Temperature
Control
R/W
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
EN_S
AT_E
B−1F
Reserved
R
Undefined
20
Conversion
Rate
R/W
2(2)
Not Available (this register is 8 bits long)
0
0
0
0
0
0
Conversion
Rate
21−3F
Undefined
Undefined
(1) See Table 2 for the value of register 0 at Reset.
(2) See Table 4 for the conversion rate settings.
REGISTER DETAILS
Register 0: Device Number (Read-Only)
Register 0 is an 8-bit register. The device number is
created from the inputs at the address pins. The result is
placed in Register 0 according to Table 2.
Table 2. Device Number—Assignments
ADD1:ADD0
AS2:AS0
BITS 2:0
00
001
01
010
10
011
11
100
ADD1 and ADD0 are the physical pins used to define the
address to which the TMP141 responds to—they are not
the actual addresses. AS2:AS0 is the address to which the
device responds.
Device number 000b is the broadcast address reserved for
communicating with all devices, and can be responded to
by all slave devices. The TMP141 ignores a broadcast
Read transaction. A broadcast Write message may be
used to write to the Device Control Register, which is the
only register which responds to broadcast messages (see
the Device Control Register description).
Register 1: Manufacturer ID (Read-Only)
The Manufacturer ID for Texas Instruments is 104Ch.
Register 2: Device ID (Read-Only)
The device ID is unique for each device produced by TI.
Bits 10:0 contain 8Dh, which is the identifier for the
TMP141. Bits 15:11 identify the revision of the die and will
be incremented upon device revision.
Register 3: Capabilities (Read-Only)
Function 1 for the TMP141 is temperature measurement;
this is the only function defined for the TMP141. This
register has the value of 1h.


유사한 부품 번호 - TMP141AIDGKT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP141AIDGKT TI-TMP141AIDGKT Datasheet
295Kb / 19P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
More results

유사한 설명 - TMP141AIDGKT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP141 TI-TMP141 Datasheet
295Kb / 19P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
LM95010 TI1-LM95010 Datasheet
1Mb / 28P
[Old version datasheet]   Digital Temperature Sensor with SensorPath Bus
logo
National Semiconductor ...
LM95010 NSC-LM95010 Datasheet
275Kb / 19P
   Digital Temperature Sensor with SensorPath??Bus in MSOP8 Package
LM32 NSC-LM32 Datasheet
340Kb / 24P
   Dual Thermal Diode Temperature Sensor with SensorPath Bus
logo
Burr-Brown (TI)
TMP275 BURR-BROWN-TMP275 Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
logo
Maxim Integrated Produc...
MAX6575L MAXIM-MAX6575L Datasheet
182Kb / 12P
   SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
Rev 0; 4/99
MAX6575_VO1 MAXIM-MAX6575_VO1 Datasheet
1Mb / 10P
   SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
2021
logo
Texas Instruments
TMP275AIDR TI-TMP275AIDR Datasheet
832Kb / 19P
[Old version datasheet]   0.5 C Digital Out Temperature Sensor
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com