전자부품 데이터시트 검색엔진 |
|
74HCT125PW 데이터시트(PDF) 11 Page - NXP Semiconductors |
|
74HCT125PW 데이터시트(HTML) 11 Page - NXP Semiconductors |
11 / 17 page 74HC_HCT125 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 4 — 10 January 2013 11 of 17 NXP Semiconductors 74HC125; 74HCT125 Quad buffer/line driver; 3-state Fig 9. Package outline SOT108-1 (SO14) UNIT A max. A1 A2 A3 bp cD(1) E(1) (1) eHE LLp QZ y w v θ REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC JEITA mm inches 1.75 0.25 0.10 1.45 1.25 0.25 0.49 0.36 0.25 0.19 8.75 8.55 4.0 3.8 1.27 6.2 5.8 0.7 0.6 0.7 0.3 8 0 o o 0.25 0.1 DIMENSIONS (inch dimensions are derived from the original mm dimensions) Note 1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 1.0 0.4 SOT108-1 X w M θ A A1 A2 bp D HE L p Q detail X E Z e c L v M A (A ) 3 A 7 8 1 14 y 076E06 MS-012 pin 1 index 0.069 0.010 0.004 0.057 0.049 0.01 0.019 0.014 0.0100 0.0075 0.35 0.34 0.16 0.15 0.05 1.05 0.041 0.244 0.228 0.028 0.024 0.028 0.012 0.01 0.25 0.01 0.004 0.039 0.016 99-12-27 03-02-19 0 2.5 5 mm scale SO14: plastic small outline package; 14 leads; body width 3.9 mm SOT108-1 |
유사한 부품 번호 - 74HCT125PW |
|
유사한 설명 - 74HCT125PW |