전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA204X-600D 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 BTA204X-600D
상세설명  Three quadrant triacs guaranteed commutation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA204X-600D 데이터시트(HTML) 5 Page - NXP Semiconductors

  BTA204X-600D Datasheet HTML 1Page - NXP Semiconductors BTA204X-600D Datasheet HTML 2Page - NXP Semiconductors BTA204X-600D Datasheet HTML 3Page - NXP Semiconductors BTA204X-600D Datasheet HTML 4Page - NXP Semiconductors BTA204X-600D Datasheet HTML 5Page - NXP Semiconductors BTA204X-600D Datasheet HTML 6Page - NXP Semiconductors BTA204X-600D Datasheet HTML 7Page - NXP Semiconductors BTA204X-600D Datasheet HTML 8Page - NXP Semiconductors BTA204X-600D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
BTA204X_SER_D_E_F
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 3 November 2011
5 of 13
NXP Semiconductors
BTA204X series D, E and F
Three quadrant triacs guaranteed commutation
5.
Thermal characteristics
6.
Isolation characteristics
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-hs)
thermal resistance from junction to
heatsink
full or half cycle with
heatsink compound;
Figure 6
--
5.5
K/W
full or half cycle without
heatsink compound;
Figure 6
--
7.2
K/W
Rth(j-a)
thermal resistance from junction to
ambient
in free air
-
55
-
K/W
(1) Unidirectional without heatsink compound
(2) Unidirectional with heatsink compound
(3) Bidirectional without heatsink compound
(4) Bidirectional with heatsink compound
Fig 6.
Transient thermal impedance as a function of pulse width
001aac339
tp (s)
10−5
110
10−1
10−2
10−4
10−3
1
10−1
10
Zth(j-hs)
(K/W)
10−2
tp
PD
t
(1)
(2)
(4)
(3)
Table 5.
Isolation limiting values and characteristics
Ths = 25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Visol
RMS isolation voltage
from all three
terminals to external
heatsink
f = 50 Hz to 60 Hz; sinusoidal
waveform; R.H.
 65 %; clean
and dust free
-
-
2500
V
Cisol
capacitance from
pin 2 to external
heatsink
f=1MHz
-
10
-
pF


유사한 부품 번호 - BTA204X-600D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BTA204X-600D PHILIPS-BTA204X-600D Datasheet
120Kb / 13P
   Three quadrant triacs guaranteed commutation
Rev. 5-3 November 2011
BTA204X-600D PHILIPS-BTA204X-600D Datasheet
53Kb / 7P
   Three quadrant triacs guaranteed commutation
December 1998 Rev 1.000
logo
WeEn Semiconductors
BTA204X-600D WEEN-BTA204X-600D Datasheet
284Kb / 13P
   3Q Hi-Com Triac
More results

유사한 설명 - BTA204X-600D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BTA208 PHILIPS-BTA208 Datasheet
18Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs guaranteed commutation
September 1997 Rev 1.200
BTA216 PHILIPS-BTA216 Datasheet
43Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.100
BTA208SD PHILIPS-BTA208SD Datasheet
50Kb / 6P
   Three quadrant triacs guaranteed commutation
February 2000 Rev 1.000
BTA208X PHILIPS-BTA208X Datasheet
49Kb / 7P
   Three quadrant triacs guaranteed commutation
October 1999
BTA212 PHILIPS-BTA212 Datasheet
44Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1997 Rev 1.000
BTA204XD PHILIPS-BTA204XD Datasheet
53Kb / 7P
   Three quadrant triacs guaranteed commutation
December 1998 Rev 1.000
BTA216BD PHILIPS-BTA216BD Datasheet
49Kb / 6P
   Three quadrant triacs guaranteed commutation
February 2000 Rev 1.000
logo
WeEn Semiconductors
BTA216-600D WEEN-BTA216-600D Datasheet
404Kb / 8P
   Three quadrant triacs guaranteed commutation
logo
NXP Semiconductors
BTA216X PHILIPS-BTA216X Datasheet
48Kb / 5P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.000
BTA208S PHILIPS-BTA208S Datasheet
22Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com