전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2586SX-ADJ 데이터시트(PDF) 3 Page - Texas Instruments

부품명 LM2586SX-ADJ
상세설명  LM2586 SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM2586SX-ADJ 데이터시트(HTML) 3 Page - Texas Instruments

  LM2586SX-ADJ Datasheet HTML 1Page - Texas Instruments LM2586SX-ADJ Datasheet HTML 2Page - Texas Instruments LM2586SX-ADJ Datasheet HTML 3Page - Texas Instruments LM2586SX-ADJ Datasheet HTML 4Page - Texas Instruments LM2586SX-ADJ Datasheet HTML 5Page - Texas Instruments LM2586SX-ADJ Datasheet HTML 6Page - Texas Instruments LM2586SX-ADJ Datasheet HTML 7Page - Texas Instruments LM2586SX-ADJ Datasheet HTML 8Page - Texas Instruments LM2586SX-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
LM2586
www.ti.com
SNVS121D – MAY 1996 – REVISED APRIL 2013
Operating Ratings
Supply Voltage
4V
≤ VIN ≤ 40V
Output Switch Voltage
0V
≤ VSW ≤ 60V
Output Switch Current
ISW ≤ 3.0A
Junction Temp. Range
−40°C ≤ TJ ≤ +125°C
Electrical Characteristics LM2586-3.3
Specifications with standard type face are for TJ = 25°C, and those in bold type face apply over full Operating Temperature
Range. Unless otherwise specified, VIN = 5V.
Symbol
Parameters
Conditions
Typical
Min
Max
Units
SYSTEM PARAMETERS Test Circuit of Figure 20(1)
VOUT
Output Voltage
VIN = 4V to 12V
3.3
3.17/3.14
3.43/3.46
V
ILOAD = 0.3 to 1.2A
ΔVOUT/
Line Regulation
VIN = 4V to 12V
20
50/100
mV
ΔVIN
ILOAD = 0.3A
ΔVOUT/
Load Regulation
VIN = 12V
20
50/100
mV
ΔILOAD
ILOAD = 0.3A to 1.2A
η
Efficiency
VIN = 5V, ILOAD = 0.3A
76
%
UNIQUE DEVICE PARAMETERS (2)
VREF
Output Reference
Measured at Feedback Pin
3.3
3.242/3.234
3.358/3.366
V
Voltage
V = 1.0V
ΔVREF
Reference Voltage
VIN = 4V to 40V
2.0
mV
Line Regulation
GM
Error Amp
ICOMP = −30 μA to +30 μA
1.193
0.678
2.259
mmho
Transconductance
VCOMP = 1.0V
AVOL
Error Amp
VCOMP = 0.5V to 1.6V
260
151/75
V/V
Voltage Gain
RCOMP = 1.0 MΩ
(3)
(1)
External components such as the diode, inductor, input and output capacitors can affect switching regulator performance. When the
LM2586 is used as shown in Figure 20 and Figure 21, system performance will be as specified by the system parameters.
(2)
All room temperature limits are 100% production tested, and all limits at temperature extremes are specified via correlation using
standard Statistical Quality Control (SQC) methods.
(3)
A 1.0 M
Ω resistor is connected to the compensation pin (which is the error amplifier output) to ensure accuracy in measuring AVOL.
LM2586-5.0
Symbol
Parameters
Conditions
Typical
Min
Max
Units
SYSTEM PARAMETERS Test Circuit of COMPFigure 20
(1)
VOUT
Output Voltage
VIN = 4V to 12V
5.0
4.80/4.75
5.20/5.25
V
ILOAD = 0.3A to 1.1A
ΔVOUT/
Line Regulation
VIN = 4V to 12V
20
50/100
mV
ΔVIN
ILOAD = 0.3A
ΔVOUT/
Load Regulation
VIN = 12V
20
50/100
mV
ΔILOAD
ILOAD = 0.3A to 1.1A
η
Efficiency
VIN = 12V, ILOAD = 0.6A
80
%
UNIQUE DEVICE PARAMETERS (2)
VREF
Output Reference
Measured at Feedback Pin
5.0
4.913/4.900
5.088/5.100
V
Voltage
VCOMP = 1.0V
ΔVREF
Reference Voltage
VIN = 4V to 40V
3.3
mV
Line Regulation
GM
Error Amp
ICOMP = −30 μA to +30 μA
0.750
0.447
1.491
mmho
Transconductance
VCOMP = 1.0V
(1)
External components such as the diode, inductor, input and output capacitors can affect switching regulator performance. When the
LM2586 is used as shown in Figure 20 and Figure 21, system performance will be as specified by the system parameters.
(2)
All room temperature limits are 100% production tested, and all limits at temperature extremes are specified via correlation using
standard Statistical Quality Control (SQC) methods.
Copyright © 1996–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2586


유사한 부품 번호 - LM2586SX-ADJ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2586SX-ADJ NSC-LM2586SX-ADJ Datasheet
778Kb / 28P
   SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
LM2586SX-ADJ NSC-LM2586SX-ADJ Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2586SX-ADJ TI1-LM2586SX-ADJ Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
LM2586SX-ADJ/NOPB TI1-LM2586SX-ADJ/NOPB Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
More results

유사한 설명 - LM2586SX-ADJ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2586 NSC-LM2586 Datasheet
778Kb / 28P
   SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2588 TI1-LM2588 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
logo
Texas Instruments
LM2586 TI1-LM2586_13 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2586 NSC-LM2586_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2588T-5 TI1-LM2588T-5 Datasheet
2Mb / 38P
[Old version datasheet]   LM2588 SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2588 NSC-LM2588 Datasheet
786Kb / 29P
   SIMPLE SWITCHER 5A Flyback Regulator with
LM2587 NSC-LM2587 Datasheet
676Kb / 26P
   SIMPLE SWITCHER 5A Flyback Regulator
LM2588 NSC-LM2588_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 5A Flyback Regulator with Shutdown
LM2585 NSC-LM2585_07 Datasheet
983Kb / 28P
   SIMPLE SWITCHER짰 3A Flyback Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com