전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3414HV 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 LM3414HV
상세설명  1A 60W Common Anode Capable Constant Current Buck LED Driver Requires No
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3414HV 데이터시트(HTML) 3 Page - Texas Instruments

  LM3414HV Datasheet HTML 1Page - Texas Instruments LM3414HV Datasheet HTML 2Page - Texas Instruments LM3414HV Datasheet HTML 3Page - Texas Instruments LM3414HV Datasheet HTML 4Page - Texas Instruments LM3414HV Datasheet HTML 5Page - Texas Instruments LM3414HV Datasheet HTML 6Page - Texas Instruments LM3414HV Datasheet HTML 7Page - Texas Instruments LM3414HV Datasheet HTML 8Page - Texas Instruments LM3414HV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LM3414, LM3414HV
www.ti.com
SNVS678E – JUNE 2010 – REVISED MAY 2013
Operating Ratings (LM3414)
VIN
4.5V to 42V
Junction Temperature Range
−40°C to +125°C
Thermal Resistance
θJA
SOIC-8 Package
45°C/W
WSON-8 Package
54°C/W
Absolute Maximum Ratings (LM3414HV)
(1) (2)
VIN to GND
-0.3V to 65V
VIN to GND (Transient)
67V (500 ms)
LX to PGND
-0.3V to 65V
LX to PGND (Transient)
-3V(2 ns) to 67V (500 ms)
FS, IADJ to GND
-0.3V to 5V
DIM to GND
-0.3V to 6V
ESD Rating, Human Body Model(3)
2kV
Storage Temp. Range
-65°C to 125°C
Soldering Information
Lead Temperature (Soldering 10s)
260°C
Infrared/Convection Reflow (20sec)
235°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For ensured specifications and test conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The human body model is a 100pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Operating Ratings (LM3414HV)
VIN
4.5V to 65V
Junction Temperature Range
−40°C to +125°C
Thermal Resistance
θJA
SOIC-8 Package
45°C/W
WSON-8 Package
54°C/W
Electrical Characteristics (LM3414)
VIN = 24V unless otherwise indicated. Typical and limits appearing in plain type apply for TA=TJ= +25°C
(1). Limits appearing in
boldface type apply over full Operating Temperature Range. Datasheet min/max specification limits are obtained under device
test mode and specified by design, test, or statistical analysis.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SYSTEM PARAMETERS
IIN-DIM-HIGH
Operating Current
4.5V
≤ Vin ≤ 42V
2.2
3.2
3.5
mA
RIADJ = 3.125 kΩ
VDIM = High
IIN-DIM-LOW
Standby Current
4.5V
≤ Vin ≤ 42V
0.8
1.15
1.4
mA
RIADJ = 3.125 kΩ
VDIM = Low
ILX-OFF
LX Pin Current
Main Switch Turned OFF
6
µA
VLX = VIN = 42V
(1)
Typical specification represent the most likely parametric norm at 25°C operation.
Electrical Characteristics (LM3414HV)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SYSTEM PARAMETERS
IIN-DIM-HIGH
Operating Current
4.5V
≤ Vin ≤ 65V
2.2
3.3
3.6
mA
RIADJ = 3.125 kΩ
VDIM = High
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3414 LM3414HV


유사한 부품 번호 - LM3414HV

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3414HV NSC-LM3414HV Datasheet
401Kb / 20P
   1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
LM3414HV NSC-LM3414HV Datasheet
2Mb / 12P
   1A 65V LED Driver Evaluation Board Switching frequency: 500 kHz
logo
Texas Instruments
LM3414HV TI1-LM3414HV Datasheet
2Mb / 15P
[Old version datasheet]   1A 65V LED Driver Evaluation Board
logo
National Semiconductor ...
LM3414HVMR NSC-LM3414HVMR Datasheet
401Kb / 20P
   1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Texas Instruments
LM3414HVMR TI1-LM3414HVMR Datasheet
1Mb / 30P
[Old version datasheet]   Common Anode-Capable Constant Current Buck LED Driver
More results

유사한 설명 - LM3414HV

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3414 NSC-LM3414 Datasheet
401Kb / 20P
   1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Texas Instruments
LM3414 TI1-LM3414_15 Datasheet
1Mb / 30P
[Old version datasheet]   Common Anode-Capable Constant Current Buck LED Driver
LM3414 TI1-LM3414 Datasheet
1Mb / 32P
[Old version datasheet]   60-W Common Anode-Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Mean Well Enterprises C...
LPFH-60D MEANWELL-LPFH-60D Datasheet
131Kb / 8P
   60W Constant Current LED Driver
LPFH-60 MEANWELL-LPFH-60 Datasheet
107Kb / 6P
   60W Constant Voltage Constant Current LED Driver
logo
MY-SEMI INC.
MY8103 MY-SEMI-MY8103 Datasheet
502Kb / 17P
   65V 1A Common Anode Capable LED Driver With Internal Switch and Wide-Range Current Sense
Mar. 2015 Ver. 0.6
logo
Shenzhen Huazhimei Semi...
HM9804 HMSEMI-HM9804 Datasheet
803Kb / 11P
   80V 1A Switching Current Buck PFM LED Constant Current Driver
logo
XLSEMI
XL8004 XLSEMI-XL8004 Datasheet
351Kb / 11P
   80V 1A Switching Current Buck PFM LED Constant Current Driver
logo
List of Unclassifed Man...
XL8004 ETC2-XL8004 Datasheet
351Kb / 11P
   80V 1A Switching Current Buck PFM LED Constant Current Driver
logo
Texas Instruments
TPS92511 TI1-TPS92511 Datasheet
1Mb / 31P
[Old version datasheet]   500-mA, 65-V Common Anode Constant Current Buck LED Driver Without External Current Sensing Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com