전자부품 데이터시트 검색엔진 |
|
LM258ADRG4 데이터시트(PDF) 10 Page - Texas Instruments |
|
|
LM258ADRG4 데이터시트(HTML) 10 Page - Texas Instruments |
10 / 32 page LM158, LM158A, LM258, LM258A LM358, LM358A, LM2904, LM2904V DUAL OPERATIONAL AMPLIFIERS SLOS068R − JUNE 1976 − REVISED JULY 2010 10 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 operating conditions, VCC = ±15 V, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT SR Slew rate at unity gain RL = 1 MΩ, CL = 30 pF, VI = ±10 V (see Figure 1) 0.3 V/ µs B1 Unity-gain bandwidth RL = 1 MΩ, CL = 20 pF (see Figure 1) 0.7 MHz Vn Equivalent input noise voltage RS = 100 Ω, VI = 0 V, f = 1 kHz (see Figure 2) 40 nV/ √Hz + VO − RL CL VI VCC+ VCC− Figure 1. Unity-Gain Amplifier − + VO 100 Ω VCC+ VCC− RS 900 Ω VI = 0 V Figure 2. Noise-Test Circuit |
유사한 부품 번호 - LM258ADRG4 |
|
유사한 설명 - LM258ADRG4 |