전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM25007MMX 데이터시트(PDF) 11 Page - Texas Instruments

부품명 LM25007MMX
상세설명  LM25007 42V, 0.5A Step-Down Switching Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM25007MMX 데이터시트(HTML) 11 Page - Texas Instruments

Back Button LM25007MMX Datasheet HTML 7Page - Texas Instruments LM25007MMX Datasheet HTML 8Page - Texas Instruments LM25007MMX Datasheet HTML 9Page - Texas Instruments LM25007MMX Datasheet HTML 10Page - Texas Instruments LM25007MMX Datasheet HTML 11Page - Texas Instruments LM25007MMX Datasheet HTML 12Page - Texas Instruments LM25007MMX Datasheet HTML 13Page - Texas Instruments LM25007MMX Datasheet HTML 14Page - Texas Instruments LM25007MMX Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
LM25007
www.ti.com
SNVS401C – JANUARY 2006 – REVISED FEBRUARY 2013
Thermal Protection
Internal Thermal Shutdown circuitry is provided to protect the integrated circuit in the event the maximum junction
temperature is exceeded. When thermal protection is activated, typically at 165 degrees Celsius, the controller is
forced into a low power reset state, disabling the output driver. This feature is provided to prevent catastrophic
failures from accidental device overheating.
Minimum Load Current
A minimum load current of 1 mA is required to maintain proper operation. If the load current falls below that level,
the bootstrap capacitor may discharge during the long off-time, and the circuitwill either shutdown, or cycle on
and off at a low frequency. If the load current is expected to drop below 1 mA in the application, the feedback
resistors should be chosen low enough in value so they provide the minimum required current at nominal Vout.
10V, 400mA Demo Board Bill of Materials
See Typical Application Circuit and Block Diagram
Table 1. Bill of Materials
ITEM
PART NUMBER
DESCRIPTION
VALUE
C1
C4532X7R2A105M
CAPACITOR, CER, TDK
1µ, 100V
C2
C4532X7R1E156M
CAPACITOR, CER, TDK
15µ, 25V
C3
C1206C104K5RAC
CAPACITOR, CER, KEMET
0.1µ, 50V
C4
C1206C103K5RAC
CAPACITOR, CER, KEMET
0.01µ, 50V
C5
C3216X7R2A104KT
CAPACITOR, CER, TDK
0.1µ, 100V
D1
MURA110T3
DIODE, 100V, ON SEMI
L1
SLF7045T-101MR60-1
BUCK INDUCTOR, TDK
100µH
R1
CRCW12062003F
RESISTOR
200K
R2
CRCW12061003F
RESISTOR
100K
R3
CRCW12063011F
RESISTOR
3.01K
R4
CRCW12061001F
RESISTOR
1K
R5
CRCW12061R00F
RESISTOR
1
U1
LM25007
REGULATOR, TI
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM25007


유사한 부품 번호 - LM25007MMX

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM25007MMX NSC-LM25007MMX Datasheet
617Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
LM25007MMX NSC-LM25007MMX Datasheet
282Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007MMX TI1-LM25007MMX Datasheet
950Kb / 19P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007MMX/NOPB TI1-LM25007MMX/NOPB Datasheet
950Kb / 19P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
More results

유사한 설명 - LM25007MMX

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM25007 TI-LM25007_15 Datasheet
956Kb / 20P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007MMX TI1-LM25007MMX Datasheet
950Kb / 19P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25007 NSC-LM25007_08 Datasheet
282Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
LM25007 NSC-LM25007 Datasheet
617Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007 TI1-LM25007_14 Datasheet
933Kb / 17P
[Old version datasheet]   42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_14 Datasheet
929Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25574_0703 NSC-LM25574_0703 Datasheet
414Kb / 22P
   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
logo
TelCom Semiconductor, I...
TC2574 TELCOM-TC2574 Datasheet
219Kb / 25P
   0.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com