전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM22671MR-ADJ 데이터시트(PDF) 10 Page - Texas Instruments

부품명 LM22671MR-ADJ
상세설명  LM22671/LM22671-Q1 42V, 500mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM22671MR-ADJ 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM22671MR-ADJ Datasheet HTML 6Page - Texas Instruments LM22671MR-ADJ Datasheet HTML 7Page - Texas Instruments LM22671MR-ADJ Datasheet HTML 8Page - Texas Instruments LM22671MR-ADJ Datasheet HTML 9Page - Texas Instruments LM22671MR-ADJ Datasheet HTML 10Page - Texas Instruments LM22671MR-ADJ Datasheet HTML 11Page - Texas Instruments LM22671MR-ADJ Datasheet HTML 12Page - Texas Instruments LM22671MR-ADJ Datasheet HTML 13Page - Texas Instruments LM22671MR-ADJ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
0.0
0.2
0.4
0.6
0.8
1.0
1.2
5
10
15
20
25
30
35
40
45
SHORT CIRCUIT VOLTAGE (v)
SAFE OPERATING AREA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
5
10
15
20
25
30
35
40
45
SHORT CIRCUIT VOLTAGE (v)
SAFE OPERATING AREA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
5
10
15
20
25
30
35
40
45
SHORT CIRCUIT VOLTAGE (v)
SAFE OPERATING AREA
LM22671
SNVS589M – SEPTEMBER 2008 – REVISED APRIL 2013
www.ti.com
Figure 15. SOA at 300 kHz
Figure 16. SOA at 500 kHz
Figure 17. SOA at 800 kHz
Soft-Start
The soft-start feature allows the regulator to gradually reach steady-state operation, thus reducing start-up
stresses. The internal soft-start feature brings the output voltage up in about 500 µs. This time can be extended
by using an external capacitor connected to the SS pin. Values in the range of 100 nF to 1 µF are recommended.
The approximate soft-start time can be estimated from the following equation:
(8)
Soft-start is reset any time the part is shut down or a thermal overload event occurs.
Switching Frequency Adjustment and Synchronization
The LM22671 will operate in three different modes, depending on the condition of the RT/SYNC pin. With the
RT/SYNC pin floating, the regulator will switch at the internally set frequency of 500 kHz (typ.). With a resistor in
the range of 25 k
Ω to 200 kΩ, connected from RT/SYNC to ground, the internal switching frequency can be
adjusted from 1MHz to 200 kHz. Figure 18 shows the typical curve for switching frequency vs. the external
resistance connected to the RT/SYNC pin. The accuracy of the switching frequency, in this mode, is slightly
worse than that of the internal oscillator; about +/- 25% is to be expected. Finally, an external clock can be
applied to the RT/SYNC pin to allow the regulator to synchronize to a system clock or another LM22671. The
mode is set during start-up of the regulator. When the LM22671 is enabled, or after VIN is applied, a weak pull-up
is connected to the RT/SYNC pin and, after approximately 100 µs, the voltage on the pin is checked against a
threshold of about 0.8V. With the RT/SYNC pin open, the voltage floats above this threshold, and the mode is set
to run with the internal clock. With a frequency set resistor present, an internal reference holds the pin voltage at
0.8V; the resulting current sets the mode to allow the resistor to control the clock frequency. If the external circuit
forces the RT/SYNC pin to a voltage much greater or less than 0.8v, the mode is set to allow external
synchronization. The mode is latched until either the EN or the input supply is cycled.
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM22671


유사한 부품 번호 - LM22671MR-ADJ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM22671MR-ADJ NSC-LM22671MR-ADJ Datasheet
426Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22671MR-ADJ NSC-LM22671MR-ADJ Datasheet
429Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM22671MR-ADJ/NOPB TI-LM22671MR-ADJ/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM22671/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
More results

유사한 설명 - LM22671MR-ADJ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM22671 TI-LM22671_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22671/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM25575QMH TI1-LM25575QMH Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM25576 TI-LM25576_15 Datasheet
980Kb / 29P
[Old version datasheet]   LM25576/LM25576-Q1 SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
LM25575 TI-LM25575 Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM22676 TI-LM22676_13 Datasheet
2Mb / 27P
[Old version datasheet]   LM22676/LM22676-Q1 42V, 3A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM25574 TI1-LM25574_14 Datasheet
929Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25574_0703 NSC-LM25574_0703 Datasheet
414Kb / 22P
   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25575 TI1-LM25575_14 Datasheet
989Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25576_0703 NSC-LM25576_0703 Datasheet
434Kb / 24P
   SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM22674 TI-LM22674 Datasheet
2Mb / 22P
[Old version datasheet]   LM22674/LM22674-Q1 42V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com