전자부품 데이터시트 검색엔진 |
|
LM258DGKR 데이터시트(PDF) 1 Page - Texas Instruments |
|
|
LM258DGKR 데이터시트(HTML) 1 Page - Texas Instruments |
1 / 32 page LM158, LM158A, LM258, LM258A LM358, LM358A, LM2904, LM2904V DUAL OPERATIONAL AMPLIFIERS SLOS068R − JUNE 1976 − REVISED JULY 2010 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Wide Supply Range: − Single Supply ...3 V to 32 V (26 V for LM2904) − or Dual Supplies . . . +1.5 V to +16 V ( +13 V for LM2904) D Low Supply-Current Drain, Independent of Supply Voltage . . . 0.7 mA Typ D Common-Mode Input Voltage Range Includes Ground, Allowing Direct Sensing Near Ground D Low Input Bias and Offset Parameters: − Input Offset Voltage ...3 mV Typ A Versions ...2 mV Typ − Input Offset Current ...2 nA Typ − Input Bias Current . . . 20 nA Typ A Versions . . . 15 nA Typ D Differential Input Voltage Range Equal to Maximum-Rated Supply Voltage ...32 V (26 V for LM2904) D Open-Loop Differential Voltage Amplification . . . 100 V/mV Typ D Internal Frequency Compensation description/ordering information These devices consist of two independent, high-gain frequency-compensated operational amplifiers designed to operate from a single supply over a wide range of voltages. Operation from split supplies also is possible if the difference between the two supplies is 3 V to 32 V (3 V to 26 V for the LM2904), and VCC is at least 1.5 V more positive than the input common-mode voltage. The low supply-current drain is independent of the magnitude of the supply voltage. Applications include transducer amplifiers, dc amplification blocks, and all the conventional operational amplifier circuits that now can be implemented more easily in single-supply-voltage systems. For example, these devices can be operated directly from the standard 5-V supply used in digital systems and easily can provide the required interface electronics without additional ±5-V supplies. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. Copyright 2010, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. 1 2 3 4 8 7 6 5 1OUT 1IN− 1IN+ GND VCC 2OUT 2IN− 2IN+ LM158, LM158A . . . JG PACKAGE LM258, LM258A . . . D, DGK, OR P PACKAGE LM358 . . . D, DGK, P, PS, OR PW PACKAGE LM358A . . . D, DGK, P, OR PW PACKAGE LM2904 . . . D, DGK, P, PS, OR PW PACKAGE (TOP VIEW) 32 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 NC 2OUT NC 2IN− NC NC 1IN− NC 1IN+ NC LM158, LM158A . . . FK PACKAGE (TOP VIEW) NC − No internal connection On products compliant to MIL-PRF-38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
유사한 부품 번호 - LM258DGKR |
|
유사한 설명 - LM258DGKR |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |