전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT24C256 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 CAT24C256
상세설명  256 kb I2C CMOS Serial EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C256 데이터시트(HTML) 4 Page - ON Semiconductor

  CAT24C256 Datasheet HTML 1Page - ON Semiconductor CAT24C256 Datasheet HTML 2Page - ON Semiconductor CAT24C256 Datasheet HTML 3Page - ON Semiconductor CAT24C256 Datasheet HTML 4Page - ON Semiconductor CAT24C256 Datasheet HTML 5Page - ON Semiconductor CAT24C256 Datasheet HTML 6Page - ON Semiconductor CAT24C256 Datasheet HTML 7Page - ON Semiconductor CAT24C256 Datasheet HTML 8Page - ON Semiconductor CAT24C256 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
CAT24C256
http://onsemi.com
4
Table 7. A.C. CHARACTERISTICS − Mature Product (Rev D) (Notes 10, 11)
(VCC = 2.5 V to 5.5 V, TA = −40°C to +125°C, and VCC = 1.8 V to 5.5 V, TA = −40°C to +85°C, unless otherwise specified.)
Symbol
Parameter
Standard
Fast
Fast−Plus
VCC = 2.5 V − 5.5 V
TA = −405C to +855C
Units
Min
Max
Min
Max
Min
Max
FSCL
Clock Frequency
100
400
1,000
kHz
tHD:STA
START Condition Hold Time
4
0.6
0.25
ms
tLOW
Low Period of SCL Clock
4.7
1.3
0.55
ms
tHIGH
High Period of SCL Clock
4
0.6
0.25
ms
tSU:STA
START Condition Setup Time
4.7
0.6
0.25
ms
tHD:DAT
Data In Hold Time
0
0
0
ms
tSU:DAT
Data In Setup Time
250
100
50
ns
tR (Note 12)
SDA and SCL Rise Time
1,000
300
100
ns
tF (Note 12)
SDA and SCL Fall Time
300
300
100
ns
tSU:STO
STOP Condition Setup Time
4
0.6
0.25
ms
tBUF
Bus Free Time Between
STOP and START
4.7
1.3
0.5
ms
tAA
SCL Low to Data Out Valid
3.5
0.9
0.50
ms
tDH
Data Out Hold Time
100
100
50
ns
Ti (Note 12)
Noise Pulse Filtered at SCL
and SDA Inputs
100
100
100
ns
tSU:WP
WP Setup Time
0
0
0
ms
tHD:WP
WP Hold Time
2.5
2.5
1
ms
tWR
Write Cycle Time
5
5
5
ms
tPU
(Notes 12, 13)
Power-up to Ready Mode
1
1
0.1
1
ms
10.The product Rev D is identified by letter “D” or a dedicated marking code on top of the package.
11. Test conditions according to “A.C. Test Conditions” table.
12.Tested initially and after a design or process change that affects this parameter.
13.tPU is the delay between the time VCC is stable and the device is ready to accept commands.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
Table 8. A.C. TEST CONDITIONS
Input Levels
0.2 x VCC to 0.8 x VCC
Input Rise and Fall Times
≤ 50 ns
Input Reference Levels
0.3 x VCC, 0.7 x VCC
Output Reference Levels
0.5 x VCC
Output Load
Current Source: IL = 3 mA (VCC ≥ 2.5 V); IL = 1 mA (VCC < 2.5 V); CL = 100 pF


유사한 부품 번호 - CAT24C256

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24C256 CATALYST-CAT24C256 Datasheet
547Kb / 14P
   256-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C256 ONSEMI-CAT24C256 Datasheet
187Kb / 14P
   256 kb I2C CMOS Serial EEPROM
November, 2009 ??Rev. 9
CAT24C256 ONSEMI-CAT24C256 Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
CAT24C256 ONSEMI-CAT24C256 Datasheet
205Kb / 18P
   256 kb I2C CMOS Serial EEPROM
January, 2014 ??Rev. 14
CAT24C256 ONSEMI-CAT24C256 Datasheet
375Kb / 20P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 15
More results

유사한 설명 - CAT24C256

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT24C256WI-G ONSEMI-CAT24C256WI-G Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
CAT24C256XI ONSEMI-CAT24C256XI Datasheet
205Kb / 18P
   256 kb I2C CMOS Serial EEPROM
January, 2014 ??Rev. 14
CAV24C256WE-GT3 ONSEMI-CAV24C256WE-GT3 Datasheet
157Kb / 11P
   256-Kb I2C CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT24C256LI ONSEMI-CAT24C256LI Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
CAT24C256HU4IGT3 ONSEMI-CAT24C256HU4IGT3 Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
CAT24C256 ONSEMI-CAT24C256 Datasheet
187Kb / 14P
   256 kb I2C CMOS Serial EEPROM
November, 2009 ??Rev. 9
logo
Catalyst Semiconductor
CAT24C256 CATALYST-CAT24C256 Datasheet
547Kb / 14P
   256-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAV24C256 ONSEMI-CAV24C256_18 Datasheet
265Kb / 14P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 1
CAT24C256 ONSEMI-CAT24C256_18 Datasheet
375Kb / 20P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 15
CAV24C256 ONSEMI-CAV24C256 Datasheet
157Kb / 11P
   256-Kb CMOS Serial EEPROM
November, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com