전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM35CAH 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 LM35CAH
상세설명  LM35 Precision Centigrade Temperature Sensors
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM35CAH 데이터시트(HTML) 5 Page - Texas Instruments

  LM35CAH Datasheet HTML 1Page - Texas Instruments LM35CAH Datasheet HTML 2Page - Texas Instruments LM35CAH Datasheet HTML 3Page - Texas Instruments LM35CAH Datasheet HTML 4Page - Texas Instruments LM35CAH Datasheet HTML 5Page - Texas Instruments LM35CAH Datasheet HTML 6Page - Texas Instruments LM35CAH Datasheet HTML 7Page - Texas Instruments LM35CAH Datasheet HTML 8Page - Texas Instruments LM35CAH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LM35
www.ti.com
SNIS159D – AUGUST 1999 – REVISED OCTOBER 2013
ELECTRICAL CHARACTERISTICS
(1)(2) (continued)
LM35
LM35C, LM35D
UNITS
PARAMETER
TEST CONDITIONS
TYP
TESTED
DESIGN
TYP
TESTED
DESIGN
(MAX.)
LIMIT(3)
LIMIT(4)
LIMIT(3)
LIMIT(4)
VS = 5 V, 25°C
56
80
56
80
VS = 5 V
105
158
91
138
Quiescent current(8)
µA
VS = 30 V, 25°C
56.2
82
56.2
82
VS = 30 V
105.5
161
91.5
141
4 V
≤ VS ≤ 30 V, 25°C
0.2
2
0.2
2
Change of quiescent
µA
current(9)
4 V
≤ VS ≤ 30 V
0.5
3
0.5
3
Temperature
+0.39
+0.7
+0.39
+0.7
coefficient of
µA/°C
quiescent current
Minimum temperature
In circuit of Figure 1, IL = 0
+1.5
+2
+1.5
+2
°C
for rate accuracy
Long term stability
TJ = TMAX, for 1000 hours
±0.08
±0.08
°C
(8)
Quiescent current is defined in the circuit of Figure 1.
(9)
Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output due to heating
effects can be computed by multiplying the internal dissipation by the thermal resistance.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM35


유사한 부품 번호 - LM35CAH

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM35CAH NSC-LM35CAH Datasheet
306Kb / 13P
   Precision Centigrade Temperature Sensors
LM35CAH NSC-LM35CAH Datasheet
306Kb / 13P
   Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM35CAH TI1-LM35CAH Datasheet
1Mb / 25P
[Old version datasheet]   LM35 Precision Centigrade Temperature Sensors
LM35CAH TI1-LM35CAH Datasheet
1Mb / 31P
[Old version datasheet]   Precision Centigrade Temperature Sensors
logo
Tiger Electronic Co.,Lt...
LM35CAH TGS-LM35CAH Datasheet
451Kb / 10P
   Precision Centigrade Temperature Sensors
More results

유사한 설명 - LM35CAH

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM35DZ_NOPB TI1-LM35DZ_NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LM35 Precision Centigrade Temperature Sensors
LM35 TI-LM35_15 Datasheet
2Mb / 32P
[Old version datasheet]   LM35 Precision Centigrade Temperature Sensors
LM35 TI1-LM35 Datasheet
348Kb / 15P
[Old version datasheet]   LM35 Precision Centigrade Temperature Sensors
logo
National Semiconductor ...
LM35 NSC-LM35 Datasheet
306Kb / 13P
   Precision Centigrade Temperature Sensors
LM35 NSC-LM35 Datasheet
306Kb / 13P
   Precision Centigrade Temperature Sensors
LM35A NSC-LM35A Datasheet
252Kb / 12P
   Precision Centigrade Temperature Sensors
logo
Tiger Electronic Co.,Lt...
LM35 TGS-LM35 Datasheet
451Kb / 10P
   Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM35 TI1-LM35_15 Datasheet
1Mb / 31P
[Old version datasheet]   Precision Centigrade Temperature Sensors
logo
National Semiconductor ...
LM45B NSC-LM45B Datasheet
195Kb / 8P
   SOT-23 Precision Centigrade Temperature Sensors
LM45 NSC-LM45_05 Datasheet
650Kb / 11P
   SOT-23 Precision Centigrade Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com