전자부품 데이터시트 검색엔진 |
|
LM211QD 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
LM211QD 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 31 page LM111, LM211, LM311 DIFFERENTIAL COMPARATORS WITH STROBES SLCS007H − SEPTEMBER 1973 − REVISED AUGUST 2003 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description/ordering information ORDERING INFORMATION TA VIO max AT 25 °C PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP (P) Tube of 50 LM311P LM311P SOIC (D) Tube of 75 LM311D LM311 0 °Cto70°C 75mV SOIC (D) Reel of 2500 LM311DR LM311 −0 °C to 70°C 7.5 mV SOP (PS) Reel of 2000 LM311PSR L311 TSSOP (PW) Reel of 150 LM311PW L311 TSSOP (PW) Tube of 2000 LM311PWR L311 PDIP (P) Tube of 50 LM211P LM211P SOIC (D) Tube of 75 LM211D LM211 −40 °C to 85°C 3 mV SOIC (D) Reel of 2500 LM211DR LM211 40 C to 85 C 3 mV TSSOP (PW) Reel of 150 LM211PW L211 TSSOP (PW) Reel of 2000 LM211PWR L211 40 °C to 125°C 3mV SOIC (D) Tube of 75 LM211QD LM211Q −40 °C to 125°C 3 mV SOIC (D) Reel of 2500 LM211QDR LM211Q 55 °C to 125°C 3mV CDIP (JG) Tube of 50 LM111JG LM111JG −55 °C to 125°C 3 mV LCCC (FK) Tube of 55 LM111FK LM111FK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. functional block diagram BAL/STRB COL OUT IN− IN+ BALANCE EMIT OUT + − |
유사한 부품 번호 - LM211QD |
|
유사한 설명 - LM211QD |