전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2676T-5.0 데이터시트(PDF) 10 Page - Texas Instruments

부품명 LM2676T-5.0
상세설명  LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2676T-5.0 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM2676T-5.0 Datasheet HTML 6Page - Texas Instruments LM2676T-5.0 Datasheet HTML 7Page - Texas Instruments LM2676T-5.0 Datasheet HTML 8Page - Texas Instruments LM2676T-5.0 Datasheet HTML 9Page - Texas Instruments LM2676T-5.0 Datasheet HTML 10Page - Texas Instruments LM2676T-5.0 Datasheet HTML 11Page - Texas Instruments LM2676T-5.0 Datasheet HTML 12Page - Texas Instruments LM2676T-5.0 Datasheet HTML 13Page - Texas Instruments LM2676T-5.0 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
LM2676
SNVS031J – APRIL 2000 – REVISED APRIL 2013
www.ti.com
DESIGN CONSIDERATIONS
Figure 19. Basic Circuit for Fixed Output Voltage Applications.
Figure 20. Basic Circuit for Adjustable Output Voltage Applications
Power supply design using the LM2676 is greatly simplified by using recommended external components. A wide
range of inductors, capacitors and Schottky diodes from several manufacturers have been evaluated for use in
designs that cover the full range of capabilities (input voltage, output voltage and load current) of the LM2676. A
simple design procedure using nomographs and component tables provided in this data sheet leads to a working
design with very little effort. Alternatively, the design software, LM267X Made Simple (version 6.0), can also be
used to provide instant component selection, circuit performance calculations for evaluation, a bill of materials
component list and a circuit schematic.
The individual components from the various manufacturers called out for use are still just a small sample of the
vast array of components available in the industry. While these components are recommended, they are not
exclusively the only components for use in a design. After a close comparison of component specifications,
equivalent devices from other manufacturers could be substituted for use in an application.
Important considerations for each external component and an explanation of how the nomographs and selection
tables were developed follows.
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2676


유사한 부품 번호 - LM2676T-5.0

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2676T-5.0 NSC-LM2676T-5.0 Datasheet
350Kb / 25P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2676T-5.0 TI-LM2676T-5.0 Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676T-5.0 TI-LM2676T-5.0 Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676T-5.0 TI-LM2676T-5.0 Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676T-5.0 TI1-LM2676T-5.0 Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
More results

유사한 설명 - LM2676T-5.0

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2676SX-5 TI-LM2676SX-5 Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676S-5 TI1-LM2676S-5 Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676T-5 TI-LM2676T-5 Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com