전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3526M-H 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 LM3526M-H
상세설명  LM3526 Dual Port USB Power Switch and Over-Current Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3526M-H 데이터시트(HTML) 7 Page - Texas Instruments

Back Button LM3526M-H Datasheet HTML 3Page - Texas Instruments LM3526M-H Datasheet HTML 4Page - Texas Instruments LM3526M-H Datasheet HTML 5Page - Texas Instruments LM3526M-H Datasheet HTML 6Page - Texas Instruments LM3526M-H Datasheet HTML 7Page - Texas Instruments LM3526M-H Datasheet HTML 8Page - Texas Instruments LM3526M-H Datasheet HTML 9Page - Texas Instruments LM3526M-H Datasheet HTML 10Page - Texas Instruments LM3526M-H Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LM3526
www.ti.com
SNVS054E – FEBRUARY 2000 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
VIN = 5.0V, IL = 500 mA, TA = 25°C unless otherwise specified.
Turn-ON/OFF Response with
Turn-ON/OFF Response with
47
Ω/10µF Load
47
Ω/150µF Load
Figure 16.
Figure 17.
Thermal Shutdown Response
(Port A output shorted*)
Thermal Shutdown Response (See Notes)
* Port A is shorted to GND through a 100 m
Ω resistor
Figure 18.
Figure 19.
Enable into a short
Figure 20.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3526


유사한 부품 번호 - LM3526M-H

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3526M-H NSC-LM3526M-H Datasheet
323Kb / 11P
   Dual Port USB Power Switch and Over-Current Protection
More results

유사한 설명 - LM3526M-H

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3526 NSC-LM3526 Datasheet
323Kb / 11P
   Dual Port USB Power Switch and Over-Current Protection
logo
Texas Instruments
LM3525 TI1-LM3525 Datasheet
1Mb / 17P
[Old version datasheet]   Single Port USB Power Switch and Over-Current Protection
logo
National Semiconductor ...
LM3525 NSC-LM3525 Datasheet
243Kb / 10P
   Single Port USB Power Switch and Over-Current Protection
logo
Unisonic Technologies
US3026A UTC-US3026A Datasheet
161Kb / 11P
   DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
US2026A UTC-US2026A Datasheet
224Kb / 11P
   DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
logo
National Semiconductor ...
LM3543 NSC-LM3543 Datasheet
316Kb / 12P
   Triple Port USB Power Distribution Switch and Over-Current Protection
LM3544 NSC-LM3544 Datasheet
349Kb / 13P
   Quad Port USB Power Distribution Switch and Over-Current Protection
logo
Protek Devices
PA3526 PROTEC-PA3526 Datasheet
235Kb / 3P
   Dual USB Power Control Switch with Over-Current/Voltage Protection
logo
Microchip Technology
UCS2112 MICROCHIP-UCS2112 Datasheet
930Kb / 64P
   USB Dual-Port Power Switch and Current Monitor
07/14/15
UCS2113-C MICROCHIP-UCS2113-C Datasheet
1Mb / 60P
   USB Dual-Port Power Switch and Current Monitor
Revision A November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com