전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3526MX-L 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 LM3526MX-L
상세설명  LM3526 Dual Port USB Power Switch and Over-Current Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3526MX-L 데이터시트(HTML) 9 Page - Texas Instruments

Back Button LM3526MX-L Datasheet HTML 5Page - Texas Instruments LM3526MX-L Datasheet HTML 6Page - Texas Instruments LM3526MX-L Datasheet HTML 7Page - Texas Instruments LM3526MX-L Datasheet HTML 8Page - Texas Instruments LM3526MX-L Datasheet HTML 9Page - Texas Instruments LM3526MX-L Datasheet HTML 10Page - Texas Instruments LM3526MX-L Datasheet HTML 11Page - Texas Instruments LM3526MX-L Datasheet HTML 12Page - Texas Instruments LM3526MX-L Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LM3526
www.ti.com
SNVS054E – FEBRUARY 2000 – REVISED MARCH 2013
A 0.01 µF ceramic capacitor is recommended on each port directly between the Vbus and ground pins to prevent
EMI damage to other components during the hot-detachment.
Adequate capacitance must be connected to the input of the device to limit the input voltage drop during a hot-
plug event to less than 330 mV. For a few tens of µs, the host must supply the in-rush current to the peripheral,
charging its bulk capacitance to Vbus. This current is initially supplied by the input capacitor. A 33 µF 16V
tantalum capacitor is recommended.
In choosing the capacitors, special attention must be paid to the Effective Series Resistance, ESR, of the
capacitors to minimize the IR drop across the capacitor's ESR.
SOFT START
To eliminate the upstream voltage droop caused by the high in-rush current drawn by the output capacitors, the
maximum in-rush current is internally limited to 1.5A.
TRANSIENT OVER-CURRENT DELAY
High transient current is also generated when the switch is enabled and large values of capacitance at the output
have to be rapidly charged. The in-rush currents created could exceed the short circuit current limit threshold of
the device forcing it into the current limit mode. The capacitor is charged with the maximum available short circuit
current set by the LM3526. The duration of the in-rush current depends on the size of the output capacitance and
load current. Since this is not a valid fault condition, the LM3526 delays the generation of the fault flag for 1 ms.
If the condition persists due to other causes such as a short, a fault flag is generated after a 1 ms delay has
elapsed.
The LM3526's 1 ms delay in issuing the fault flag is adequate for most applications. If longer delays are required,
an RC filter as shown in Figure 21 may be used.
Figure 21.
PCB LAYOUT CONSIDERATIONS
In order to meet the USB requirements for voltage drop, droop and EMI, each component used in this circuit
must be evaluated for its contribution to the circuit performance. The PCB layout rules and guidelines must be
followed.
Place the switch as close to the USB connector as possible. Keep all Vbus traces as short as possible and use
at least 50-mil, 1 ounce copper for all Vbus traces. Solder plating the traces will reduce the trace resistance.
Avoid vias as much as possible. If vias are used, use multiple vias in parallel and/or make them as large as
possible.
Place the output capacitor and ferrite beads as close to the USB connector as possible.
If ferrite beads are used, use wires with minimum resistance and large solder pads to minimize connection
resistance.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3526


유사한 부품 번호 - LM3526MX-L

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3526MX-L NSC-LM3526MX-L Datasheet
323Kb / 11P
   Dual Port USB Power Switch and Over-Current Protection
More results

유사한 설명 - LM3526MX-L

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3526 NSC-LM3526 Datasheet
323Kb / 11P
   Dual Port USB Power Switch and Over-Current Protection
logo
Texas Instruments
LM3525 TI1-LM3525 Datasheet
1Mb / 17P
[Old version datasheet]   Single Port USB Power Switch and Over-Current Protection
logo
National Semiconductor ...
LM3525 NSC-LM3525 Datasheet
243Kb / 10P
   Single Port USB Power Switch and Over-Current Protection
logo
Unisonic Technologies
US3026A UTC-US3026A Datasheet
161Kb / 11P
   DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
US2026A UTC-US2026A Datasheet
224Kb / 11P
   DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
logo
National Semiconductor ...
LM3543 NSC-LM3543 Datasheet
316Kb / 12P
   Triple Port USB Power Distribution Switch and Over-Current Protection
LM3544 NSC-LM3544 Datasheet
349Kb / 13P
   Quad Port USB Power Distribution Switch and Over-Current Protection
logo
Protek Devices
PA3526 PROTEC-PA3526 Datasheet
235Kb / 3P
   Dual USB Power Control Switch with Over-Current/Voltage Protection
logo
Microchip Technology
UCS2112 MICROCHIP-UCS2112 Datasheet
930Kb / 64P
   USB Dual-Port Power Switch and Current Monitor
07/14/15
UCS2113-C MICROCHIP-UCS2113-C Datasheet
1Mb / 60P
   USB Dual-Port Power Switch and Current Monitor
Revision A November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com