전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMC660CMX 데이터시트(PDF) 11 Page - Texas Instruments

부품명 LMC660CMX
상세설명  LMC660 CMOS Quad Operational Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LMC660CMX 데이터시트(HTML) 11 Page - Texas Instruments

Back Button LMC660CMX Datasheet HTML 7Page - Texas Instruments LMC660CMX Datasheet HTML 8Page - Texas Instruments LMC660CMX Datasheet HTML 9Page - Texas Instruments LMC660CMX Datasheet HTML 10Page - Texas Instruments LMC660CMX Datasheet HTML 11Page - Texas Instruments LMC660CMX Datasheet HTML 12Page - Texas Instruments LMC660CMX Datasheet HTML 13Page - Texas Instruments LMC660CMX Datasheet HTML 14Page - Texas Instruments LMC660CMX Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LMC660
www.ti.com
SNOSBZ3D – APRIL 1998 – REVISED MARCH 2013
The designer should be aware that when it is inappropriate to lay out a PC board for the sake of just a few
circuits, there is another technique which is even better than a guard ring on a PC board: Don't insert the
amplifier's input pin into the board at all, but bend it up in the air and use only air as an insulator. Air is an
excellent insulator. In this case you may have to forego some of the advantages of PC board construction, but
the advantages are sometimes well worth the effort of using point-to-point up-in-the-air wiring. See Figure 21.
(Input pins are lifted out of PC board and soldered directly to components. All other pins connected to PC board.)
Figure 21. Air Wiring
BIAS CURRENT TESTING
The test method of Figure 21 is appropriate for bench-testing bias current with reasonable accuracy. To
understand its operation, first close switch S2 momentarily. When S2 is opened, then:
(10)
Figure 22. Simple Input Bias Current Test Circuit
A suitable capacitor for C2 would be a 5 pF or 10 pF silver mica, NPO ceramic, or air-dielectric. When
determining the magnitude of Ib−, the leakage of the capacitor and socket must be taken into account. Switch S2
should be left shorted most of the time, or else the dielectric absorption of the capacitor C2 could cause errors.
Similarly, if S1 is shorted momentarily (while leaving S2 shorted):
(11)
where Cx is the stray capacitance at the + input.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMC660


유사한 부품 번호 - LMC660CMX

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LMC660CMX NSC-LMC660CMX Datasheet
441Kb / 12P
   CMOS Quad Operational Amplifier
LMC660CMX NSC-LMC660CMX Datasheet
873Kb / 14P
   CMOS Quad Operational Amplifier
More results

유사한 설명 - LMC660CMX

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMC6034 TI1-LMC6034 Datasheet
1Mb / 22P
[Old version datasheet]   CMOS Quad Operational Amplifier
logo
National Semiconductor ...
LMC660 NSC-LMC660_00 Datasheet
441Kb / 12P
   CMOS Quad Operational Amplifier
LMC660EP NSC-LMC660EP Datasheet
891Kb / 15P
   CMOS Quad Operational Amplifier
LMC660 NSC-LMC660_06 Datasheet
873Kb / 14P
   CMOS Quad Operational Amplifier
LMC660 NSC-LMC660 Datasheet
461Kb / 14P
   CMOS Quad Operational Amplifier
LMC6034 NSC-LMC6034 Datasheet
301Kb / 12P
   CMOS Quad Operational Amplifier
LMC6044 NSC-LMC6044 Datasheet
387Kb / 12P
   CMOS Quad Micropower Operational Amplifier
logo
Texas Instruments
LMC6034IMX TI-LMC6034IMX Datasheet
1Mb / 22P
[Old version datasheet]   LMC6034 CMOS Quad Operational Amplifier
LMC6044 TI1-LMC6044_17 Datasheet
1Mb / 23P
[Old version datasheet]   CMOS Quad Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6084 NSC-LMC6084 Datasheet
729Kb / 14P
   Precision CMOS Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com