전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD590JH 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD590JH
상세설명  2-Terminal IC Temperature Transducer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD590JH 데이터시트(HTML) 3 Page - Analog Devices

  AD590JH Datasheet HTML 1Page - Analog Devices AD590JH Datasheet HTML 2Page - Analog Devices AD590JH Datasheet HTML 3Page - Analog Devices AD590JH Datasheet HTML 4Page - Analog Devices AD590JH Datasheet HTML 5Page - Analog Devices AD590JH Datasheet HTML 6Page - Analog Devices AD590JH Datasheet HTML 7Page - Analog Devices AD590JH Datasheet HTML 8Page - Analog Devices AD590JH Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
AD590
Rev. G | Page 3 of 16
SPECIFICATIONS
AD590J AND AD590K SPECIFICATIONS
25°C and VS = 5 V, unless otherwise noted.1
Table 1.
AD590J2
AD590K
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
POWER SUPPLY
OperatingVoltage Range
4
30
4
30
V
OUTPUT
Nominal Current Output @ 25°C (298.2 K)
298.2
298.2
µA
Nominal Temperature Coefficient
1
1
µA/K
CalibrationError @ 25°C
±5.0
±2.5
°C
Absolute Error (Over Rated Performance Temperature Range)
Without External CalibrationAdjustment
±10
±5.5
°C
With25°C CalibrationError Set to Zero
±3.0
±2.0
°C
Nonlinearity
For TO-52 and FLATPACK Packages
±1.5
±0.8
°C
For 8-Lead SOIC Package
±1.5
±1.0
°C
For 4-Lead LFCSP Package
±1.5
°C
Repeatability3
±0.1
±0.1
°C
Long-Term Drift4
±0.1
±0.1
°C
Current Noise
40
40
pA/√Hz
Power Supply Rejection
4 V ≤ VS ≤ 5 V
0.5
0.5
µA/V
5 V ≤ VS ≤ 15 V
0.2
0.2
µV/V
15 V ≤ VS ≤ 30 V
0.1
0.1
µA/V
Case Isolation to Either Lead
1010
1010
Ω
Effective Shunt Capacitance
100
100
pF
Electrical Turn-On Time
20
20
µs
Reverse Bias Leakage Current (Reverse Voltage = 10 V)5
10
10
pA
1
Specifications shown in boldface are tested on all production units at final electrical test. Results fromthose tests are used to calculate outgoing quality levels. All
minimum and maximum specifications are guaranteed,although only those shown in boldfaceare tested on all production units.
2
The LFCSP package has a reduced operating temperature range of −40°Cto +125°C.
3
Maximum deviation between +25°Creadings after temperature cycling between −55°Cand +150°C; guaranteed, not tested.
4
Conditions: constant 5 V, constant 125°C;guaranteed,not tested.
5
Leakage current doubles every 10°C.


유사한 부품 번호 - AD590JH

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD590JH AD-AD590JH Datasheet
3Mb / 16P
   Two-Terminal IC Temperature Transducer
REV. C
logo
Intersil Corporation
AD590JH INTERSIL-AD590JH Datasheet
95Kb / 10P
   2-Wire, Current Output Temperature Transducer
August 1997
logo
Analog Devices
AD590JH AD-AD590JH Datasheet
3Mb / 16P
   Two-Twrminal IC Temperature Transducer
REV. C
logo
Intersil Corporation
AD590JH INTERSIL-AD590JH Datasheet
334Kb / 10P
   2-Wire, Current Output Temperature Transducer
logo
Analog Devices
AD590JH AD-AD590JH Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
More results

유사한 설명 - AD590JH

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD590JH883B AD-AD590JH883B Datasheet
411Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590KF AD-AD590KF Datasheet
423Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JRZ AD-AD590JRZ Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
AD590 AD-AD590 Datasheet
3Mb / 16P
   Two-Terminal IC Temperature Transducer
REV. C
logo
Renesas Technology Corp
ISL71590SEH RENESAS-ISL71590SEH Datasheet
608Kb / 17P
   Radiation Hardened, 2-Terminal Temperature Transducer
Sep 14, 2018
logo
Intersil Corporation
ISL71590SEH INTERSIL-ISL71590SEH Datasheet
541Kb / 16P
   Radiation Hardened, 2-Terminal Temperature Transducer.
June 3, 2016
logo
Sensitron
AD590 SENSITRON-AD590 Datasheet
32Kb / 2P
   TWO-TERMINAL TEMPERATURE TRANSDUCER
logo
Analog Devices
AD590JCHIPS AD-AD590JCHIPS Datasheet
3Mb / 16P
   Two-Twrminal IC Temperature Transducer
REV. C
AD592 AD-AD592 Datasheet
302Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592ANZ AD-AD592ANZ Datasheet
778Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com