전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD590JF 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD590JF
상세설명  2-Terminal IC Temperature Transducer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD590JF 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD590JF Datasheet HTML 3Page - Analog Devices AD590JF Datasheet HTML 4Page - Analog Devices AD590JF Datasheet HTML 5Page - Analog Devices AD590JF Datasheet HTML 6Page - Analog Devices AD590JF Datasheet HTML 7Page - Analog Devices AD590JF Datasheet HTML 8Page - Analog Devices AD590JF Datasheet HTML 9Page - Analog Devices AD590JF Datasheet HTML 10Page - Analog Devices AD590JF Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
AD590
Rev. G | Page 7 of 16
EXPLANATION OF TEMPERATURE SENSOR
SPECIFICATIONS
The way in which the AD590 is specified makes it easy to apply
it in a wide variety of applications. It is important to understand
the meaning of the various specifications and the effects of the
supply voltage and thermal environment on accuracy.
The AD590 is a PTAT current regulator. (Note that T (°C) =
T (K) − 273.2. Zero on the Kelvin scale is absolute zero; there is
no lower temperature.) That is, the output current is equal to a
scale factor times the temperature of the sensor in degrees
Kelvin. This scale factor is trimmed to 1 μA/K at the factory, by
adjusting the indicated temperature (that is, the output current)
to agree with the actual temperature. This is done with 5 V
across the device at a temperature within a few degrees of 25°C
(298.2 K). The device is then packaged and tested for accuracy
over temperature.
CALIBRATION ERROR
At final factory test, the difference between the indicated
temperature and the actual temperature is called the calibration
error. Since this is a scale factory error, its contribution to the
total error of the device is PTAT. For example, the effect of the
1°C specified maximum error of the AD590L varies from 0.73°C
at −55°C to 1.42°C at 150°C. Figure 9 shows how an exaggerated
calibration error would vary from the ideal over temperature.
Figure 9. Calibration Error vs. Temperature
The calibration error is a primary contributor to the maximum
total error in all AD590 grades. However, because it is a scale
factor error, it is particularly easy to trim. Figure 10 shows the
most elementary way of accomplishing this.
To trim this circuit, the temperature of the AD590 is measured
by a reference temperature sensor and R is trimmed so that VT
= 1 mV/K at that temperature. Note that when this error is
trimmed out at one temperature, its effect is zero over the entire
temperature range. In most applications, there is a current-to-
voltage conversion resistor (or, as with a current input ADC, a
reference) that can be trimmed for scale factor adjustment.
Figure 10. One Temperature Trim
ERROR VS. TEMPERATURE: CALIBRATION ERROR
TRIMMED OUT
Each AD590 is tested for error over the temperature range with
the calibration error trimmed out. This specification could also
be called the variance from PTAT, because it is the maximum
difference between the actual current over temperature and a
PTAT multiplication of the actual current at 25°C. This error
consists of a slope error and some curvature, mostly at the
temperature extremes. Figure 11 shows a typical AD590K
temperature curve before and after calibration error trimming.
Figure 11. Effect to Scale Factor Trim on Accuracy
ERROR VS. TEMPERATURE: NO USER TRIMS
Using the AD590 by simply measuring the current, the total
error is the variance from PTAT, described above, plus the effect
of the calibration error over temperature. For example, the
AD590L maximum total error varies from 2.33°C at −55°C to
3.02°C at 150°C. For simplicity, only the large figure is shown
on the specification page.
IACTUAL
298.2
298.2
TEMPERATURE (°K)
ACTUAL
TRANSFER
FUNCTION
IDEAL
TRANSFER
FUNCTION
CALIBRATION
ERROR
5V
R
100
VT = 1mV/K
AD590
950
+
+
+
AFTER
CALIBRATION
TRIM
2
0
–2
–55
150
TEMPERATURE (°C)
CALIBRATION
ERROR
BEFORE
CALIBRATION
TRIM


유사한 부품 번호 - AD590JF

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD590JF AD-AD590JF Datasheet
3Mb / 16P
   Two-Terminal IC Temperature Transducer
REV. C
AD590JF AD-AD590JF Datasheet
3Mb / 16P
   Two-Twrminal IC Temperature Transducer
REV. C
AD590JF AD-AD590JF Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
AD590JF AD-AD590JF Datasheet
423Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JF AD-AD590JF Datasheet
411Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
More results

유사한 설명 - AD590JF

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD590JH883B AD-AD590JH883B Datasheet
411Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590KF AD-AD590KF Datasheet
423Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JRZ AD-AD590JRZ Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
AD590 AD-AD590 Datasheet
3Mb / 16P
   Two-Terminal IC Temperature Transducer
REV. C
logo
Renesas Technology Corp
ISL71590SEH RENESAS-ISL71590SEH Datasheet
608Kb / 17P
   Radiation Hardened, 2-Terminal Temperature Transducer
Sep 14, 2018
logo
Intersil Corporation
ISL71590SEH INTERSIL-ISL71590SEH Datasheet
541Kb / 16P
   Radiation Hardened, 2-Terminal Temperature Transducer.
June 3, 2016
logo
Sensitron
AD590 SENSITRON-AD590 Datasheet
32Kb / 2P
   TWO-TERMINAL TEMPERATURE TRANSDUCER
logo
Analog Devices
AD590JCHIPS AD-AD590JCHIPS Datasheet
3Mb / 16P
   Two-Twrminal IC Temperature Transducer
REV. C
AD592 AD-AD592 Datasheet
302Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592ANZ AD-AD592ANZ Datasheet
778Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com