전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD822AR 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD822AR
상세설명  Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD822AR 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD822AR Datasheet HTML 6Page - Analog Devices AD822AR Datasheet HTML 7Page - Analog Devices AD822AR Datasheet HTML 8Page - Analog Devices AD822AR Datasheet HTML 9Page - Analog Devices AD822AR Datasheet HTML 10Page - Analog Devices AD822AR Datasheet HTML 11Page - Analog Devices AD822AR Datasheet HTML 12Page - Analog Devices AD822AR Datasheet HTML 13Page - Analog Devices AD822AR Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD822
Rev. I | Page 10 of 24
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage
±18 V
Internal Power Dissipation
8-Lead PDIP (N)
Observe derating curves
8-Lead SOIC_N (R)
Observe derating curves
8-Lead MSOP (RM)
Observe derating curves
Input Voltage1
((V+) + 0.2 V) to
((V−) − 20 V)
Output Short-Circuit Duration
Indefinite
Differential Input Voltage
±30 V
Storage Temperature Range (N)
–65°C to +125°C
Storage Temperature Range (R, RM)
–65°C to +150°C
Operating Temperature Range
A Grade and B Grade
–40°C to +85°C
Lead Temperature
(Soldering, 60 sec)
260°C
1 See the Input Characteristics section.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 5. Thermal Resistance
Package Type
θJA
Unit
8-lead PDIP (N)
90
°C/W
8-lead SOIC_N (R)
160
°C/W
8-lead MSOP (RM)
190
°C/W
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
AD822 is limited by the associated rise in junction temperature.
For plastic packages, the maximum safe junction temperature is
145°C. If these maximums are exceeded momentarily, proper
circuit operation is restored as soon as the die temperature is
reduced. Leaving the device in the overheated condition for an
extended period can result in device burnout. To ensure proper
operation, it is important to observe the derating curves shown
in Figure 27.
While the AD822 is internally short-circuit protected, this may
not be sufficient to guarantee that the maximum junction
temperature is not exceeded under all conditions. With power
supplies ±12 V (or less) at an ambient temperature of 25°C or
less, if the output node is shorted to a supply rail, then the
amplifier is not destroyed, even if this condition persists for an
extended period.
ESD CAUTION


유사한 부품 번호 - AD822AR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD822AR AD-AD822AR Datasheet
320Kb / 16P
   Single Supply, Rail-to-Rail Low Power FET-Input Op Amp
REV. A
AD822AR AD-AD822AR Datasheet
595Kb / 28P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. G
AD822AR AD-AD822AR Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD822AR-3V AD-AD822AR-3V Datasheet
320Kb / 16P
   Single Supply, Rail-to-Rail Low Power FET-Input Op Amp
REV. A
AD822AR-REEL AD-AD822AR-REEL Datasheet
595Kb / 28P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. G
More results

유사한 설명 - AD822AR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD820 AD-AD820_07 Datasheet
588Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
Rev. E
AD822ARMZ AD-AD822ARMZ Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD824ARZ-14 AD-AD824ARZ-14 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824_V01 Datasheet
344Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Rev. E
AD824 AD-AD824_03 Datasheet
552Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824_15 Datasheet
436Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. D
AD824ARZ-14-REEL7 AD-AD824ARZ-14-REEL7 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824 Datasheet
551Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. A
AD820ARMZ AD-AD820ARMZ Datasheet
428Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power, FET Input Op Amp
Rev. H
AD822 AD-AD822 Datasheet
320Kb / 16P
   Single Supply, Rail-to-Rail Low Power FET-Input Op Amp
REV. A
AD822AN AD-AD822AN Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com