전자부품 데이터시트 검색엔진 |
|
AD822BRZ-REEL7 데이터시트(PDF) 4 Page - Analog Devices |
|
AD822BRZ-REEL7 데이터시트(HTML) 4 Page - Analog Devices |
4 / 24 page AD822 Rev. I | Page 4 of 24 SPECIFICATIONS VS = 0 V, 5 V @ TA = 25°C, VCM = 0 V, VOUT = 0.2 V, unless otherwise noted. Table 1. A Grade B Grade Parameter Conditions Min Typ Max Min Typ Max Unit DC PERFORMANCE Initial Offset 0.1 0.8 0.1 0.4 mV Maximum Offset Over Temperature 0.5 1.2 0.5 0.9 mV Offset Drift 2 2 μV/°C Input Bias Current VCM = 0 V to 4 V 2 25 2 10 pA At TMAX 0.5 5 0.5 2.5 nA Input Offset Current 2 20 2 10 pA At TMAX 0.5 0.5 nA Open-Loop Gain VOUT = 0.2 V to 4 V RL = 100 kΩ 500 1000 500 1000 V/mV TMIN to TMAX 400 400 V/mV RL = 10 kΩ 80 150 80 150 V/mV TMIN to TMAX 80 80 V/mV RL = 1 kΩ 15 30 15 30 V/mV TMIN to TMAX 10 10 V/mV NOISE/HARMONIC PERFORMANCE Input Voltage Noise f = 0.1 Hz to 10 Hz 2 2 μV p-p f = 10 Hz 25 25 nV/√Hz f = 100 Hz 21 21 nV/√Hz f = 1 kHz 16 16 nV/√Hz f = 10 kHz 13 13 nV/√Hz Input Current Noise f = 0.1 Hz to 10 Hz 18 18 fA p-p f = 1 kHz 0.8 0.8 fA/√Hz Harmonic Distortion RL = 10 kΩ to 2.5 V f = 10 kHz VOUT = 0.25 V to 4.75 V −93 −93 dB DYNAMIC PERFORMANCE Unity-Gain Frequency 1.8 1.8 MHz Full Power Response VOUT p-p = 4.5 V 210 210 kHz Slew Rate 3 3 V/μs Settling Time To 0.1% VOUT = 0.2 V to 4.5 V 1.4 1.4 μs To 0.01% VOUT = 0.2 V to 4.5 V 1.8 1.8 μs MATCHING CHARACTERISTICS Initial Offset 1.0 0.5 mV Maximum Offset Over Temperature 1.6 1.3 mV Offset Drift 3 3 μV/°C Input Bias Current 20 10 pA Crosstalk @ f = 1 kHz RL = 5 kΩ −130 –130 dB Crosstalk @ f = 100 kHz RL = 5 kΩ −93 –93 dB INPUT CHARACTERISTICS Input Voltage Range1, TMIN to TMAX −0.2 +4 −0.2 +4 V Common-Mode Rejection Ratio (CMRR) VCM = 0 V to 2 V 66 80 69 80 dB TMIN to TMAX VCM = 0 V to 2 V 66 66 dB |
유사한 부품 번호 - AD822BRZ-REEL7 |
|
유사한 설명 - AD822BRZ-REEL7 |