전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8502ARJZ-REEL 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD8502ARJZ-REEL
상세설명  1 muA Micropower CMOS Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8502ARJZ-REEL 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD8502ARJZ-REEL Datasheet HTML 2Page - Analog Devices AD8502ARJZ-REEL Datasheet HTML 3Page - Analog Devices AD8502ARJZ-REEL Datasheet HTML 4Page - Analog Devices AD8502ARJZ-REEL Datasheet HTML 5Page - Analog Devices AD8502ARJZ-REEL Datasheet HTML 6Page - Analog Devices AD8502ARJZ-REEL Datasheet HTML 7Page - Analog Devices AD8502ARJZ-REEL Datasheet HTML 8Page - Analog Devices AD8502ARJZ-REEL Datasheet HTML 9Page - Analog Devices AD8502ARJZ-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8502/AD8504
Rev. A | Page 6 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Rating
Supply Voltage
6 V
Input Voltage
VSS − 0.3 V to VDD + 0.3 V
Differential Input Voltage
±6 V
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Absolute maximum ratings apply at 25°C, unless otherwise noted.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 5. Thermal Characteristics
Package Type
θJA
θJC
Unit
8-Lead SOT-23 (RJ-8)
376
126
°C/W
14-Lead TSSOP (RU-14)
180
35
°C/W
ESD CAUTION


유사한 부품 번호 - AD8502ARJZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8502ARJZ-REEL AD-AD8502ARJZ-REEL Datasheet
697Kb / 16P
   1 關A Micropower CMOS Operational Amplifiers
REV. 0
AD8502ARJZ-REEL7 AD-AD8502ARJZ-REEL7 Datasheet
697Kb / 16P
   1 關A Micropower CMOS Operational Amplifiers
REV. 0
More results

유사한 설명 - AD8502ARJZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8502 AD-AD8502_07 Datasheet
697Kb / 16P
   1 關A Micropower CMOS Operational Amplifiers
REV. 0
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TSV629X STMICROELECTRONICS-TSV629X Datasheet
917Kb / 25P
   Micropower, wide bandwidth CMOS operational amplifiers
logo
Unisonic Technologies
OPA2336 UTC-OPA2336_17 Datasheet
140Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
OPA2336 UTC-OPA2336_15 Datasheet
157Kb / 6P
   SINGLE-SUPPLY MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
AS2333 DIODES-AS2333 Datasheet
746Kb / 16P
   1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336 Datasheet
275Kb / 8P
   SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA336 TI1-OPA336_17 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Burr-Brown (TI)
OPA2336 BURR-BROWN-OPA2336 Datasheet
621Kb / 17P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com