전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8644ARZ-REEL7 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD8644ARZ-REEL7
상세설명  Single and Quad 18 V Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8644ARZ-REEL7 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD8644ARZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8644ARZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8644ARZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8644ARZ-REEL7 Datasheet HTML 9Page - Analog Devices AD8644ARZ-REEL7 Datasheet HTML 10Page - Analog Devices AD8644ARZ-REEL7 Datasheet HTML 11Page - Analog Devices AD8644ARZ-REEL7 Datasheet HTML 12Page - Analog Devices AD8644ARZ-REEL7 Datasheet HTML 13Page - Analog Devices AD8644ARZ-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8614/AD8644
Rev. B | Page 10 of 16
INPUT OVERVOLTAGE PROTECTION
As with any semiconductor device, whenever the condition
exists for the input to exceed either supply voltage, attention
needs to be paid to the input overvoltage characteristic. As an
overvoltage occurs, the amplifier can be damaged, depending
on the voltage level and the magnitude of the fault current.
When the input voltage exceeds either supply by more than
0.6 V, internal pin junctions energize, allowing current to flow
from the input to the supplies. Observing Figure 26, the
AD8614/AD8644 have 1.5 kΩ resistors in series with each
input, which helps to limit the current. This input current is not
inherently damaging to the device as long as it is limited to
5 mA or less. If the voltage is large enough to cause more than
5 mA of current to flow, an external series resistor should be
added. The size of this resistor is calculated by dividing the
maximum overvoltage by 5 mA and subtracting the internal
1.5 kΩ resistor. For example, if the input voltage could reach 100 V,
the external resistor should be (100 V ÷ 5 mA) – 1.5 kΩ = 18.5 kΩ.
This resistance should be placed in series with either or both
inputs if they are subjected to the overvoltages.
OUTPUT PHASE REVERSAL
The AD8614/AD8644 are immune to phase reversal as long as
the input voltage is limited to within the supply rails. Although
the device’s output does not change phase, large currents due to
input overvoltage can result, damaging the device. In applica-
tions where the possibility of an input voltage exceeding the
supply voltage exists, overvoltage protection should be used, as
described in the previous section.
POWER DISSIPATION
The maximum power that can be safely dissipated by the
AD8614/AD8644 is limited by the associated rise in junction
temperature. The maximum safe junction temperature is 150°C,
and should not be exceeded or device performance could suffer.
If this maximum is momentarily exceeded, proper circuit
operation is restored as soon as the die temperature is reduced.
Leaving the device in an overheated condition for an extended
period can result in permanent damage to the device.
To calculate the internal junction temperature of the
AD8614/AD8644, the following formula can be used:
TJ = PDISS × θJA + TA
where:
TJ is the AD8614/AD8644 junction temperature.
PDISS is the AD8614/AD8644 power dissipation.
θJA is the AD8614/AD8644 junction-to-ambient package thermal
resistance.
TA is the ambient temperature of the circuit.
The power dissipated by the device can be calculated as:
PDISS = ILOAD × (VS – VOUT)
where:
ILOAD is the AD8614/AD8644 output load current.
VS is the AD8614/AD8644 supply voltage.
VOUT is the AD8614/AD8644 output voltage.
Figure 27 provides a convenient way to determine if the device
is being overheated. The maximum safe power dissipation can
be found graphically, based on the package type and the ambient
temperature around the package. By using the previous equation, it
is a simple matter to see if PDISS exceeds the device’s power derating
curve. To ensure proper operation, it is important to observe the
recommended derating curves shown in Figure 27.
1.5
0
1.0
0.5
AMBIENT TEMPERATURE (°C)
–35
–15
5
254565
85
14-LEAD SOIC PACKAGE
θJA = 120°C/W
14-LEAD TSSOP PACKAGE
θJA = 180°C/W
5-LEAD SOT-23 PACKAGE
θJA = 230°C/W
Figure 27. Maximum Power Dissipation vs. Temperature
(5-Lead and 14-Lead Package Types)
UNUSED AMPLIFIERS
It is recommended that any unused amplifiers in the quad
package be configured as a unity-gain follower with a 1 kΩ
feedback resistor connected from the inverting input to the
output, and the noninverting input tied to the ground plane.


유사한 부품 번호 - AD8644ARZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8644ARZ-REEL7 AD-AD8644ARZ-REEL7 Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
Rev. B
More results

유사한 설명 - AD8644ARZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8614 AD-AD8614 Datasheet
303Kb / 8P
   Single and Quad 18 V Operational Amplifiers
REV. 0
AD8644 AD-AD8644_15 Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
REV. B
AD8614 AD-AD8614_07 Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
Rev. B
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
   Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
   Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
logo
Texas Instruments
LMV931-N TI1-LMV931-N Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
logo
ON Semiconductor
MC3403 ONSEMI-MC3403_12 Datasheet
154Kb / 9P
   Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
   QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com