전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

V-11G1-3AR6-T 데이터시트(PDF) 5 Page - Omron Electronics LLC

부품명 V-11G1-3AR6-T
상세설명  Miniature Basic Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-11G1-3AR6-T 데이터시트(HTML) 5 Page - Omron Electronics LLC

  V-11G1-3AR6-T Datasheet HTML 1Page - Omron Electronics LLC V-11G1-3AR6-T Datasheet HTML 2Page - Omron Electronics LLC V-11G1-3AR6-T Datasheet HTML 3Page - Omron Electronics LLC V-11G1-3AR6-T Datasheet HTML 4Page - Omron Electronics LLC V-11G1-3AR6-T Datasheet HTML 5Page - Omron Electronics LLC V-11G1-3AR6-T Datasheet HTML 6Page - Omron Electronics LLC V-11G1-3AR6-T Datasheet HTML 7Page - Omron Electronics LLC V-11G1-3AR6-T Datasheet HTML 8Page - Omron Electronics LLC V-11G1-3AR6-T Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
V
V
114
Thermosetting Case
Actuator
COM
terminal
Contact
form
Terminals
(see note
15 A
10 A
terminal
position
form
(see note
1)
OF: 1.96 N {200 gf}
OF: 1.96 N {200 gf}
OF: 0.98 N {100 gf}
Pin plunger
Bottom
SPDT
A
V-15-1A5
V-10-1A5
V-10-1A4
C2
V-15-1C25
V-10-1C25
V-10-1C24
B
V-15-1B5
V-10-1B5
V-10-1B4
SPST-NC
A
V-15-2A5
V-10-2A5
V-10-2A4
C2
V-15-2C25
V-10-2C25
V-10-2C24
B
V-15-2B5
V-10-2B5
V-10-2B4
SPST-NO
A
V-15-3A5
V-10-3A5
V-10-3A4
C2
V-15-3C25
V-10-3C25
V-10-3C24
B
V-15-3B5
V-10-3B5
V-10-3B4
Side
SPDT
A
V-15-4A5
V-10-4A5
V-10-4A4
SPST-NC
V-15-5A5
V-10-5A5
V-10-5A4
SPST-NO
V-15-6A5
V-10-6A5
V-10-6A4
Short hinge lever
Bottom
SPDT
A
V-151-1A5
V-101-1A5
V-101-1A4
g
C2
V-151-1C25
V-101-1C25
V-101-1C24
B
V-151-1B5
V-101-1B5
V-101-1B4
Hinge lever
A
V-152-1A5
V-102-1A5
V-102-1A4
g
C2
V-152-1C25
V-102-1C25
V-102-1C24
B
V-152-1B5
V-102-1B5
V-102-1B4
Long hinge lever
A
V-153-1A5
V-103-1A5
V-103-1A4
C2
V-153-1C25
V-103-1C25
V-103-1C24
B
V-153-1B5
V-103-1B5
V-103-1B4
Simulated roller lever
A
V-154-1A5
V-104-1A5
V-104-1A4
C2
V-154-1C25
V-104-1C25
V-104-1C24
B
V-154-1B5
V-104-1B5
V-104-1B4
Short hinge
roller lever
A
V-155-1A5
V-105-1A5
V-105-1A4
roller lever
C2
V-155-1C25
V-105-1C25
V-105-1C24
B
V-155-1B5
V-105-1B5
V-105-1B4
Hinge roller lever
A
V-156-1A5
V-106-1A5
V-106-1A4
C2
V-156-1C25
V-106-1C25
V-106-1C24
B
V-156-1B5
V-106-1B5
V-106-1B4
Note:
1. A:
Solder terminals
C2: Quick-connect terminals (#187)
B:
Screw terminals
2. OF values shown in the table are for the pin plunger models.


유사한 부품 번호 - V-11G1-3AR6-T

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
V-11-1A4 OMRON-V-11-1A4 Datasheet
1Mb / 16P
   Snap Action Switch
V-11-1A4 OMRON-V-11-1A4 Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V-11-1A4 OMRON-V-11-1A4 Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V-11-1A4 OMRON-V-11-1A4 Datasheet
1Mb / 16P
   Snap Action Switch
V-11-1A4 OMRON-V-11-1A4 Datasheet
1Mb / 16P
   Snap Action Switch
More results

유사한 설명 - V-11G1-3AR6-T

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
V-102-1A4 ETC2-V-102-1A4 Datasheet
1Mb / 16P
   Miniature Basic Switch
logo
Omron Electronics LLC
D3V OMRON-D3V Datasheet
1Mb / 18P
   Miniature Basic Switch
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com