전자부품 데이터시트 검색엔진 |
|
V-11G3-5AR6-T 데이터시트(PDF) 5 Page - Omron Electronics LLC |
|
V-11G3-5AR6-T 데이터시트(HTML) 5 Page - Omron Electronics LLC |
5 / 16 page V V 114 Thermosetting Case Actuator COM terminal Contact form Terminals (see note 15 A 10 A terminal position form (see note 1) OF: 1.96 N {200 gf} OF: 1.96 N {200 gf} OF: 0.98 N {100 gf} Pin plunger Bottom SPDT A V-15-1A5 V-10-1A5 V-10-1A4 C2 V-15-1C25 V-10-1C25 V-10-1C24 B V-15-1B5 V-10-1B5 V-10-1B4 SPST-NC A V-15-2A5 V-10-2A5 V-10-2A4 C2 V-15-2C25 V-10-2C25 V-10-2C24 B V-15-2B5 V-10-2B5 V-10-2B4 SPST-NO A V-15-3A5 V-10-3A5 V-10-3A4 C2 V-15-3C25 V-10-3C25 V-10-3C24 B V-15-3B5 V-10-3B5 V-10-3B4 Side SPDT A V-15-4A5 V-10-4A5 V-10-4A4 SPST-NC V-15-5A5 V-10-5A5 V-10-5A4 SPST-NO V-15-6A5 V-10-6A5 V-10-6A4 Short hinge lever Bottom SPDT A V-151-1A5 V-101-1A5 V-101-1A4 g C2 V-151-1C25 V-101-1C25 V-101-1C24 B V-151-1B5 V-101-1B5 V-101-1B4 Hinge lever A V-152-1A5 V-102-1A5 V-102-1A4 g C2 V-152-1C25 V-102-1C25 V-102-1C24 B V-152-1B5 V-102-1B5 V-102-1B4 Long hinge lever A V-153-1A5 V-103-1A5 V-103-1A4 C2 V-153-1C25 V-103-1C25 V-103-1C24 B V-153-1B5 V-103-1B5 V-103-1B4 Simulated roller lever A V-154-1A5 V-104-1A5 V-104-1A4 C2 V-154-1C25 V-104-1C25 V-104-1C24 B V-154-1B5 V-104-1B5 V-104-1B4 Short hinge roller lever A V-155-1A5 V-105-1A5 V-105-1A4 roller lever C2 V-155-1C25 V-105-1C25 V-105-1C24 B V-155-1B5 V-105-1B5 V-105-1B4 Hinge roller lever A V-156-1A5 V-106-1A5 V-106-1A4 C2 V-156-1C25 V-106-1C25 V-106-1C24 B V-156-1B5 V-106-1B5 V-106-1B4 Note: 1. A: Solder terminals C2: Quick-connect terminals (#187) B: Screw terminals 2. OF values shown in the table are for the pin plunger models. |
유사한 부품 번호 - V-11G3-5AR6-T |
|
유사한 설명 - V-11G3-5AR6-T |