전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7689ACPZ 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD7689ACPZ
상세설명  16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7689ACPZ 데이터시트(HTML) 4 Page - Analog Devices

  AD7689ACPZ Datasheet HTML 1Page - Analog Devices AD7689ACPZ Datasheet HTML 2Page - Analog Devices AD7689ACPZ Datasheet HTML 3Page - Analog Devices AD7689ACPZ Datasheet HTML 4Page - Analog Devices AD7689ACPZ Datasheet HTML 5Page - Analog Devices AD7689ACPZ Datasheet HTML 6Page - Analog Devices AD7689ACPZ Datasheet HTML 7Page - Analog Devices AD7689ACPZ Datasheet HTML 8Page - Analog Devices AD7689ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD7682/AD7689
Data Sheet
Rev. D | Page 4 of 32
SPECIFICATIONS
VDD = 2.3 V to 5.5 V, VIO = 1.8 V to VDD, VREF = VDD, all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
AD7689A
AD7682B/AD7689B
Parameter
Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
16
16
Bits
ANALOG INPUT
Voltage Range
Unipolar mode
0
+VREF
0
+VREF
V
Bipolar mode
−VREF/2
+VREF/2
−VREF/2
+VREF/2
Absolute Input Voltage
Positive input, unipolar
and bipolar modes
−0.1
VREF + 0.1
−0.1
VREF + 0.1
V
Negative or COM input,
unipolar mode
−0.1
+0.1
−0.1
+0.1
V
Negative or COM input,
bipolar mode
VREF/2 − 0.1
VREF/2
VREF/2 + 0.1
VREF/2 − 0.
1
VREF/2
VREF/2 + 0.1
V
Analog Input CMRR
fIN = 250 kHz
68
68
dB
Leakage Current at 25°C
Acquisition phase
1
1
nA
Input Impedance1
THROUGHPUT
Conversion Rate
Full Bandwidth2
VDD = 4.5 V to 5.5 V
0
250
0
250
kSPS
VDD = 2.3 V to 4.5 V
0
200
0
200
kSPS
¼ Bandwidth2
VDD = 4.5 V to 5.5 V
0
62.5
0
62.5
kSPS
VDD = 2.3 V to 4.5 V
0
50
0
50
kSPS
Transient Response
Full-scale step,
full bandwidth
1.8
1.8
μs
Full-scale step,
¼ bandwidth
14.5
14.5
μs
ACCURACY
No Missing Codes
15
16
Bits
Integral Linearity Error
−4
+4
−1.5
±0.4
+1.5
LSB3
Differential Linearity Error
−1
±0.25
+1.5
LSB
Transition Noise
REF = VDD = 5 V
0.6
0.5
LSB
Gain Error4
−32
+32
−8
±1
+8
LSB
Gain Error Match
±2
−4
±0.5
+4
LSB
Gain Error Temperature Drift
±1
±1
ppm/°C
Offset Error4
VDD = 4.5 V to 5.5 V
−32
+32
−8
±1
+8
LSB
VDD = 2.3 V to 4.5 V
±32
±5
LSB
Offset Error Match
±2
−4
±0.5
+4
LSB
Offset Error Temperature Drift
±1
±1
ppm/°C
Power Supply Sensitivity
VDD = 5 V ± 5%
±1.5
±1.5
LSB
AC ACCURACY5
Dynamic Range
90.5
93.8
dB6
Signal-to-Noise
fIN = 20 kHz, VREF = 5 V
90
92.5
93.5
dB
fIN = 20 kHz, VREF = 4.096 V,
internal REF
89
91
92.3
dB
fIN = 20 kHz, VREF = 2.5 V,
internal REF
86
87.5
88.8
dB
SINAD
fIN = 20 kHz, VREF = 5 V
89
91
92.5
dB
fIN = 20 kHz, VREF = 5 V,
−60 dB input
30.5
33.5
dB
fIN = 20 kHz, VREF = 4.096 V
internal REF
88
90
91
dB
fIN = 20 kHz, VREF = 2.5 V
internal REF
86
87
88.4
dB


유사한 부품 번호 - AD7689ACPZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7689ACPZ AD-AD7689ACPZ Datasheet
826Kb / 28P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7689ACPZ AD-AD7689ACPZ Datasheet
743Kb / 35P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADCs
AD7689ACPZRL7 AD-AD7689ACPZRL7 Datasheet
826Kb / 28P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7689ACPZRL7 AD-AD7689ACPZRL7 Datasheet
743Kb / 35P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADCs
More results

유사한 설명 - AD7689ACPZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7682 AD-AD7682 Datasheet
826Kb / 28P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7949 AD-AD7949_09 Datasheet
548Kb / 32P
   14-Bit, 8-Channel, 250 kSPS PulSAR ADC
REV. B
AD7949 AD-AD7949_17 Datasheet
756Kb / 32P
   14-Bit, 8-Channel, 250 kSPS PulSAR ADC
AD7949 AD-AD7949 Datasheet
744Kb / 28P
   14-Bit, 8-Channel, 250 kSPS PulSAR ADC
REV. A
AD7682 AD-AD7682_17 Datasheet
743Kb / 35P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADCs
AD7699 AD-AD7699 Datasheet
542Kb / 28P
   16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
AD7689 AD-AD7689 Datasheet
1Mb / 20P
   16-Bit, 8-Channel, 250 kSPS PulSAR짰 ADC.
Rev. PrC
AD7694 AD-AD7694_05 Datasheet
348Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. A
AD7685 AD-AD7685 Datasheet
542Kb / 29P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7694 AD-AD7694_17 Datasheet
360Kb / 17P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com