전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7689BCPZ 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD7689BCPZ
상세설명  16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7689BCPZ 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD7689BCPZ Datasheet HTML 7Page - Analog Devices AD7689BCPZ Datasheet HTML 8Page - Analog Devices AD7689BCPZ Datasheet HTML 9Page - Analog Devices AD7689BCPZ Datasheet HTML 10Page - Analog Devices AD7689BCPZ Datasheet HTML 11Page - Analog Devices AD7689BCPZ Datasheet HTML 12Page - Analog Devices AD7689BCPZ Datasheet HTML 13Page - Analog Devices AD7689BCPZ Datasheet HTML 14Page - Analog Devices AD7689BCPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
AD7682/AD7689
Rev. D | Page 11 of 32
Pin No.
AD7682
Mnemonic
AD7689
Mnemonic
Type1
Description
14
SDO
SDO
DO
Serial Data Output. The conversion result is output on this pin, synchronized to SCK. In
unipolar modes, conversion results are straight binary; in bipolar modes, conversion
results are twos complement.
15
VIO
VIO
P
Input/Output Interface Digital Power. Nominally at the same supply as the host interface
(1.8 V, 2.5 V, 3 V, or 5 V).
16
IN0
IN0
AI
Analog Input Channel 0.
17
NC
IN1
AI
AD7682: no connection.
AD7689: Analog Input Channel 1.
18
IN1
IN2
AI
AD7682: Analog Input Channel 1.
AD7689: Analog Input Channel 2.
19
NC
IN3
AI
AD7682: no connection.
AD7689: Analog Input Channel 3.
21
(EPAD)
Exposed Pad
(EPAD)
Exposed
Pad (EPAD)
NC
The exposed pad is not connected internally. For increased reliability of the solder joints,
it is recommended that the pad be soldered to the system ground plane.
1AI = analog input, AI/O = analog input/output, DI = digital input, DO = digital output, P = power, NC = no internal connection.


유사한 부품 번호 - AD7689BCPZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7689BCPZ AD-AD7689BCPZ Datasheet
826Kb / 28P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7689BCPZ AD-AD7689BCPZ Datasheet
743Kb / 35P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADCs
AD7689BCPZRL7 AD-AD7689BCPZRL7 Datasheet
826Kb / 28P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7689BCPZRL7 AD-AD7689BCPZRL7 Datasheet
743Kb / 35P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADCs
More results

유사한 설명 - AD7689BCPZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7682 AD-AD7682 Datasheet
826Kb / 28P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7949 AD-AD7949_09 Datasheet
548Kb / 32P
   14-Bit, 8-Channel, 250 kSPS PulSAR ADC
REV. B
AD7949 AD-AD7949_17 Datasheet
756Kb / 32P
   14-Bit, 8-Channel, 250 kSPS PulSAR ADC
AD7949 AD-AD7949 Datasheet
744Kb / 28P
   14-Bit, 8-Channel, 250 kSPS PulSAR ADC
REV. A
AD7682 AD-AD7682_17 Datasheet
743Kb / 35P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADCs
AD7699 AD-AD7699 Datasheet
542Kb / 28P
   16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
AD7689 AD-AD7689 Datasheet
1Mb / 20P
   16-Bit, 8-Channel, 250 kSPS PulSAR짰 ADC.
Rev. PrC
AD7694 AD-AD7694_05 Datasheet
348Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. A
AD7685 AD-AD7685 Datasheet
542Kb / 29P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7694 AD-AD7694_17 Datasheet
360Kb / 17P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com