전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC7581E 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 LC7581E
상세설명  1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC7581E 데이터시트(HTML) 1 Page - ON Semiconductor

  LC7581E Datasheet HTML 1Page - ON Semiconductor LC7581E Datasheet HTML 2Page - ON Semiconductor LC7581E Datasheet HTML 3Page - ON Semiconductor LC7581E Datasheet HTML 4Page - ON Semiconductor LC7581E Datasheet HTML 5Page - ON Semiconductor LC7581E Datasheet HTML 6Page - ON Semiconductor LC7581E Datasheet HTML 7Page - ON Semiconductor LC7581E Datasheet HTML 8Page - ON Semiconductor LC7581E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
N2206 / 32902RM(OT)No.7141-1/54
http://onsemi.com
LC7581E
LC7581T
Overview
The LC75810E and LC75810T are 1/8 to 1/10 duty dot
matrix LCD display controllers/drivers that support the
display of characters, numbers, and symbols. In addition to
generating dot matrix LCD drive signals based on data
transferred serially from a microcontroller, the LC75810E
and LC75810T also provide on-chip character display
ROM and RAM to allow display systems to be
implemented easily.
Features
Controls and drives a 5
× 7, 5 × 8, or 5 × 9 dot matrix
LCD.
Supports accessory display segment drive
(up to 80 segments)
Display technique:
1/8-duty, 1/4-bias drive (5
× 7 dots, 6 × 7 dots)
1/9-duty, 1/4-bias drive (5
× 8 dots, 6 × 8 dots)
1/10-duty, 1/4-bias drive (5
× 9 dots, 6 × 9 dots)
Display digits:
16 digits
× 1 line (5 × 7 dots),
15 digits × 1 line (5
× 8 or 5 × 9 dots)
13 digits
× 1 line (6 × 7, 6 × 8, or 6 × 9 dots)
Display control memory
CGROM: 240 characters (5
× 7, 5 × 8, or 5 × 9 dots)
CGRAM: 16 characters (5
× 7, 5 × 8, or 5 × 9 dots)
DCRAM: 64
× 8 bits
ALATCH: 80 bits
Instruction function
Display on/off control
Smooth up, down, left, and right scrolling of the display
Provides a backup function based on power saving mode
The frame frequency of the common and segment output
waveforms can be controlled by instructions.
Built-in display contrast adjustment circuit
Serial data input supports CCB format communication
with the system controller
Independent LCD driver block power supply VLCD
Provides a RES pin for IC internal initialization.
RC oscillator circuit
CMOS IC
1/8 to 1/10 Duty Dot Matrix LCD
Display Controllers/Drivers
Ordering number : ENN7141
CCB is ON Semiconductor® ’s original format. All addresses are managed
by ON Semiconductor® for this format.
CCB is a registered trademark of Semiconductor Components Industries, LLC.
Semiconductor Components Industries, LLC, 2013
July, 2013
LC75810E
LC75810T


유사한 부품 번호 - LC7581E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC75810E SANYO-LC75810E Datasheet
981Kb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
LC75810T SANYO-LC75810T Datasheet
981Kb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
LC75811E SANYO-LC75811E Datasheet
626Kb / 27P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver
LC75811W SANYO-LC75811W Datasheet
626Kb / 27P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver
LC75812PT SANYO-LC75812PT Datasheet
438Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
More results

유사한 설명 - LC7581E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC75818PT ONSEMI-LC75818PT Datasheet
452Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75810E SANYO-LC75810E Datasheet
981Kb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
logo
ON Semiconductor
LC75812PT ONSEMI-LC75812PT Datasheet
551Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75816E SANYO-LC75816E Datasheet
572Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75817NE SANYO-LC75817NE Datasheet
496Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75818PT SANYO-LC75818PT Datasheet
464Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75811E SANYO-LC75811E Datasheet
626Kb / 27P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver
LC75812PT SANYO-LC75812PT Datasheet
438Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
logo
ON Semiconductor
LC450210PCH ONSEMI-LC450210PCH Datasheet
453Kb / 53P
   Duty Dot Matrix LCD Display Controllers
May, 2014
ENA1417 ONSEMI-ENA1417 Datasheet
551Kb / 54P
   Duty Dot Matrix LCD Display Controllers
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com