전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM4041 데이터시트(PDF) 10 Page - ON Semiconductor

부품명 LM4041
상세설명  Precision Micro-Power Shunt Voltage References
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM4041 데이터시트(HTML) 10 Page - ON Semiconductor

Back Button LM4041 Datasheet HTML 6Page - ON Semiconductor LM4041 Datasheet HTML 7Page - ON Semiconductor LM4041 Datasheet HTML 8Page - ON Semiconductor LM4041 Datasheet HTML 9Page - ON Semiconductor LM4041 Datasheet HTML 10Page - ON Semiconductor LM4041 Datasheet HTML 11Page - ON Semiconductor LM4041 Datasheet HTML 12Page - ON Semiconductor LM4041 Datasheet HTML 13Page - ON Semiconductor LM4041 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LM4040, LM4041
http://onsemi.com
10
Device Description
The LM404x shunt references use ON Semiconductor’s
floating gate (EEPROM) technology to produce a capacitor
which stores an accurate and stable voltage that is used as the
reference voltage for a control amplifier and shunt
N−channel FET.
Figure 12. Functional Block Diagram
VREF
+
+
+
The device operates like a zener diode; maintaining a
fixed voltage across its output terminals when biased with
60
mA to 15 mA of reverse current. The LM404x will also
act like a silicon diode when forward biased with currents up
to 10 mA.
Applications Information
The LM404x’s internal pass transistor maintains a
constant output voltage by sinking the necessary amount of
current across a source resistor. The source resistance (RS)
is set by the load current range (ILOAD), supply voltage (VS)
variations, LM404x’s terminal voltage (VR), and desired
quiescent current.
Figure 13. Typical Operating Circuit
ISHUNT
ILOAD
RS
VS
VR
To select a value of RS, set VS at its minimum value and
ILOAD at its maximum. Be sure to maintain a minimum
operating current of 60
mA through LM404x at all times, as
LM404x uses this current to power its internal circuitry. The
RS value should be large enough to keep ISHUNT less than
15 mA for proper regulation when VS is maximum and
ILOAD is at a minimum. Therefore, the value of RS is
bounded by the following equation:
VS(min) * VR
60 mA ) ILOAD(max)
u RS
and
RS u
VS(max) * VR
15 mA ) ILOAD(min)
Choosing a larger resistance minimizes the power
dissipated in the circuit by reducing the shunt current.
Output Capacitance
The LM404x does not require an external capacitor for
frequency stability and is stable for any output capacitance.
Effect of Temperature
LM404x has an output voltage temperature coefficient of
typically
±15 to ±30 ppm/°C meaning the LM404x’s output
voltage will change by 50 – 100
mV/°C for a 3.300 V
regulator. The polarity of this temperature induced voltage
shift can vary from device to device, some moving in the
positive direction and others in the negative direction.


유사한 부품 번호 - LM4041

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM4041 NSC-LM4041 Datasheet
277Kb / 19P
   Precision Micropower Shunt Voltage Reference
logo
STMicroelectronics
LM4041 STMICROELECTRONICS-LM4041 Datasheet
646Kb / 16P
   Precision micropower shunt voltage reference
February 2014 Rev 4
logo
Texas Instruments
LM4041 TI-LM4041 Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Unisonic Technologies
LM4041 UTC-LM4041 Datasheet
148Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Texas Instruments
LM4041 TI-LM4041 Datasheet
501Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

유사한 설명 - LM4041

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040 Datasheet
452Kb / 10P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4041 DIODES-LM4041 Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_08 Datasheet
951Kb / 12P
   Precision micropower shunt voltage references
logo
Analog Devices
ADR530 AD-ADR530_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR525 AD-ADR525_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com