전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM4040A 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 LM4040A
상세설명  Precision Micro-Power Shunt Voltage References
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM4040A 데이터시트(HTML) 2 Page - ON Semiconductor

  LM4040A Datasheet HTML 1Page - ON Semiconductor LM4040A Datasheet HTML 2Page - ON Semiconductor LM4040A Datasheet HTML 3Page - ON Semiconductor LM4040A Datasheet HTML 4Page - ON Semiconductor LM4040A Datasheet HTML 5Page - ON Semiconductor LM4040A Datasheet HTML 6Page - ON Semiconductor LM4040A Datasheet HTML 7Page - ON Semiconductor LM4040A Datasheet HTML 8Page - ON Semiconductor LM4040A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LM4040, LM4041
http://onsemi.com
2
Figure 1. Test Circuit
VR
VIN
RS
LM4040
LM4041
Table 1. PIN DESCRIPTIONS
Pin
Name
Function
SOT−23
SC−70
1
3
V+
Positive voltage
2
1
V−
Negative voltage
3
2
NC
This pin must be left floating or connected to V−.
4
NIC
No Internal Connection. A voltage or signal applied to this pin will have no effect.
5
NIC
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
Reverse Current
20
mA
Forward Current
10
mA
Junction Temperature
150
°C
Power Dissipation
SOT−23−3
300
mW
Power Dissipation
SC−70−5
240
mW
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 3. RECOMMENDED OPERATING CONDITIONS
Parameter
Rating
Unit
IREVERSE
0.06 − 15
mA
Ambient Temperature Range
−40 to +85
°C
Table 4. ESD SUSCEPTABILITY
Symbol
Parameter
Min
Units
ESD
Human Body Model
2000
V
Machine Model
200
V


유사한 부품 번호 - LM4040A

제조업체부품명데이터시트상세설명
logo
Silicon Supplies
LM4040A-1.2 SS-LM4040A-1.2 Datasheet
478Kb / 4P
   Precision Micropower Shunt Voltage Reference in bare die f o r m
Rev 1.0 02/11/21
LM4040A-1.2 SS-LM4040A-1.2 Datasheet
594Kb / 4P
   Voltage Reference
Rev 1.1 28/07/22
LM4040A-1.2 SS-LM4040A-1.2_V01 Datasheet
594Kb / 4P
   Voltage Reference
Rev 1.1 28/07/22
LM4040A-10 SS-LM4040A-10 Datasheet
421Kb / 4P
   Voltage Reference
Rev 1.0 26/10/23
LM4040A-2.5 SS-LM4040A-2.5 Datasheet
441Kb / 4P
   Voltage Reference
More results

유사한 설명 - LM4040A

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040 Datasheet
452Kb / 10P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4041 DIODES-LM4041 Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_08 Datasheet
951Kb / 12P
   Precision micropower shunt voltage references
logo
Analog Devices
ADR530 AD-ADR530_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR525 AD-ADR525_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com