전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74ACT157PW 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 CD74ACT157PW
상세설명  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT157PW 데이터시트(HTML) 4 Page - Texas Instruments

  CD74ACT157PW Datasheet HTML 1Page - Texas Instruments CD74ACT157PW Datasheet HTML 2Page - Texas Instruments CD74ACT157PW Datasheet HTML 3Page - Texas Instruments CD74ACT157PW Datasheet HTML 4Page - Texas Instruments CD74ACT157PW Datasheet HTML 5Page - Texas Instruments CD74ACT157PW Datasheet HTML 6Page - Texas Instruments CD74ACT157PW Datasheet HTML 7Page - Texas Instruments CD74ACT157PW Datasheet HTML 8Page - Texas Instruments CD74ACT157PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
CD74ACT157
QUADRUPLE 2LINE TO 1LINE DATA SELECTOR/MULTIPLEXER
SCHS340B − MARCH 2003 - REVISED JUNE 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
−55
°C to
125
°C
−40
°C to
85
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
tPLH
A or B
Any Y
2.4
9.5
2.5
8.6
ns
tPHL
A or B
Any Y
2.4
9.5
2.5
8.6
ns
tPLH
A/B
Any Y
3.6
14.5
3.8
13.2
ns
tPHL
A/B
Any Y
3.6
14.5
3.8
13.2
ns
tPLH
G
Any Y
3.4
13.5
3.6
12.3
ns
tPHL
G
Any Y
3.4
13.5
3.6
12.3
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TYP
UNIT
Cpd
Power dissipation capacitance
156
pF


유사한 부품 번호 - CD74ACT157PW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74ACT157PW TI1-CD74ACT157PW Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
CD74ACT157PWE4 TI1-CD74ACT157PWE4 Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
CD74ACT157PWG4 TI1-CD74ACT157PWG4 Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
CD74ACT157PWR TI1-CD74ACT157PWR Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
CD74ACT157PWRE4 TI1-CD74ACT157PWRE4 Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
More results

유사한 설명 - CD74ACT157PW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74AC158M TI1-CD74AC158M Datasheet
196Kb / 9P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC157A-EP TI1-SN74LVC157A-EP Datasheet
423Kb / 8P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC157A-Q1 TI-SN74LVC157A-Q1 Datasheet
181Kb / 7P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
CD74ACT157M TI1-CD74ACT157M Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC157A TI-SN74LVC157A Datasheet
124Kb / 8P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Unisonic Technologies
U74AHCT157 UTC-U74AHCT157_15 Datasheet
233Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR / MULTIPLEXER
logo
Texas Instruments
74ACT11157 TI1-74ACT11157 Datasheet
81Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC157A-Q1 TI1-SN74LVC157A-Q1_15 Datasheet
795Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
74AC11157 TI-74AC11157 Datasheet
69Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
74AC11157 TI1-74AC11157_10 Datasheet
87Kb / 6P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com