전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LF198JAN 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 LF198JAN
상세설명  LF198JAN Monolithic Sample-and-Hold Circuits
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LF198JAN 데이터시트(HTML) 11 Page - Texas Instruments

Back Button LF198JAN Datasheet HTML 7Page - Texas Instruments LF198JAN Datasheet HTML 8Page - Texas Instruments LF198JAN Datasheet HTML 9Page - Texas Instruments LF198JAN Datasheet HTML 10Page - Texas Instruments LF198JAN Datasheet HTML 11Page - Texas Instruments LF198JAN Datasheet HTML 12Page - Texas Instruments LF198JAN Datasheet HTML 13Page - Texas Instruments LF198JAN Datasheet HTML 14Page - Texas Instruments LF198JAN Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
LF198JAN
www.ti.com
SNOSAJ2A – FEBRUARY 2005 – REVISED MARCH 2013
Application Hints
HOLD CAPACITOR
Hold step, acquisition time, and droop rate are the major trade-offs in the selection of a hold capacitor value. Size
and cost may also become important for larger values. Use of the curves included with this data sheet should be
helpful in selecting a reasonable value of capacitance. Keep in mind that for fast repetition rates or tracking fast
signals, the capacitor drive currents may cause a significant temperature rise in the LF198.
A significant source of error in an accurate sample and hold circuit is dielectric absorption in the hold capacitor. A
mylar cap, for instance, may “sag back” up to 0.2% after a quick change in voltage. A long sample time is
required before the circuit can be put back into the hold mode with this type of capacitor. Dielectrics with very low
hysteresis are polystyrene, polypropylene, and Teflon. Other types such as mica and polycarbonate are not
nearly as good. The advantage of polypropylene over polystyrene is that it extends the maximum ambient
temperature from 85°C to 100°C. Most ceramic capacitors are unusable with > 1% hysteresis. Ceramic “NPO” or
“COG” capacitors are now available for 125°C operation and also have low dielectric absorption. For more exact
data, see the curve Dielectric Absorption Error. The hysteresis numbers on the curve are final values, taken after
full relaxation. The hysteresis error can be significantly reduced if the output of the LF198 is digitized quickly after
the hold mode is initiated. The hysteresis relaxation time constant in polypropylene, for instance, is 10—50 ms. If
A-to-D conversion can be made within 1 ms, hysteresis error will be reduced by a factor of ten.
DC AND AC ZEROING
DC zeroing is accomplished by connecting the offset adjust pin to the wiper of a 1 k
Ω potentiometer which has
one end tied to V+ and the other end tied through a resistor to ground. The resistor should be selected to give
≈0.6 mA through the 1k potentiometer.
AC zeroing (hold step zeroing) can be obtained by adding an inverter with the adjustment pot tied input to output.
A 10 pF capacitor from the wiper to the hold capacitor will give ±4 mV hold step adjustment with a 0.01
μF hold
capacitor and 5V logic supply. For larger logic swings, a smaller capacitor (< 10 pF) may be used.
LOGIC RISE TIME
For proper operation, logic signals into the LF198 must have a minimum dV/dt of 1.0 V/
μs. Slower signals will
cause excessive hold step. If a R/C network is used in front of the logic input for signal delay, calculate the slope
of the waveform at the threshold point to ensure that it is at least 1.0 V/
μs.
SAMPLING DYNAMIC SIGNALS
Sample error to moving input signals probably causes more confusion among sample-and-hold users than any
other parameter. The primary reason for this is that many users make the assumption that the sample and hold
amplifier is truly locked on to the input signal while in the sample mode. In actuality, there are finite phase delays
through the circuit creating an input-output differential for fast moving signals. In addition, although the output
may have settled, the hold capacitor has an additional lag due to the 300
Ω series resistor on the chip. This
means that at the moment the “hold” command arrives, the hold capacitor voltage may be somewhat different
than the actual analog input. The effect of these delays is opposite to the effect created by delays in the logic
which switches the circuit from sample to hold. For example, consider an analog input of 20 Vp-p at 10 kHz.
Maximum dV/dt is 0.6 V/
μs. With no analog phase delay and 100 ns logic delay, one could expect up to (0.1
μs)(0.6V/μs)= 60 mVerror if the “hold” signal arrived near maximum dV/dt of the input. A positive-going input
would give a +60 mV error. Now assume a 1 MHz (3 dB) bandwidth for the overall analog loop. This generates a
phase delay of 160 ns. If the hold capacitor sees this exact delay, then error due to analog delay will be (0.16
μs)
(0.6 V/
μs) = −96 mV. Total output error is +60 mV (digital) −96 mV (analog) for a total of −36 mV. To add to the
confusion, analog delay is proportioned to hold capacitor value while digital delay remains constant. A family of
curves (dynamic sampling error) is included to help estimate errors.
A curve labeled Aperture Time has been included for sampling conditions where the input is steady during the
sampling period, but may experience a sudden change nearly coincident with the “hold” command. This curve is
based on a 1 mV error fed into the output.
A second curve, Hold Settling Time indicates the time required for the output to settle to 1 mV after the “hold”
command.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LF198JAN


유사한 부품 번호 - LF198JAN

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LF198JAN TI1-LF198JAN Datasheet
966Kb / 19P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
LF198JAN TI1-LF198JAN Datasheet
1,015Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
LF198JAN-SP TI1-LF198JAN-SP Datasheet
1,015Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
LF198JAN TI1-LF198JAN_13 Datasheet
1,015Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
More results

유사한 설명 - LF198JAN

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LF198JAN TI1-LF198JAN_13 Datasheet
1,015Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
JM38510-12501BGA TI-JM38510-12501BGA Datasheet
1,015Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
LF198JAN TI1-LF198JAN Datasheet
966Kb / 19P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
logo
List of Unclassifed Man...
LF398N ETC-LF398N Datasheet
257Kb / 7P
   MONOLITHIC SAMPLE AND HOLD CIRCUITS
logo
Texas Instruments
LF198QML TI1-LF198QML_14 Datasheet
1Mb / 22P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF198-N TI1-LF198-N_16 Datasheet
2Mb / 33P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF298-MIL TI1-LF298-MIL Datasheet
2Mb / 28P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
National Semiconductor ...
LF198 NSC-LF198 Datasheet
520Kb / 13P
   Monolithic Sample-and-Hold Circuits
logo
Texas Instruments
LF298MX TI1-LF298MX Datasheet
564Kb / 15P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
JSC ALFA.
1100CK2 ALFA-1100CK2 Datasheet
368Kb / 4P
   Monolithic Sample-and-Hold Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21