전자부품 데이터시트 검색엔진 |
|
DAC701BH 데이터시트(PDF) 4 Page - Texas Instruments |
|
DAC701BH 데이터시트(HTML) 4 Page - Texas Instruments |
4 / 11 page 4 ® DAC701, 702, 703 CONNECTION DIAGRAMS –V 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 MSB 16-Bit Ladder Resistor Network and Current Switches Digital Inputs Reference Circuit R F (4) Voltage Models Only LSB Digital Inputs (2) +V CC 270k Ω 3.9M Ω (3) (3) 0.0022µF (2) (2) V DD CC (1) NOTES: (1) Can be tied to +VCC instead of having separate VDD supply. (2) Decoupling capacitors are 0.1 µF to 1.0µF. (3) Potentiometers are 10kΩ to 100k Ω. (4) 5kΩ (DAC701), 10kΩ (DAC702/703). ALL PACKAGES PIN # DAC702 DAC701/703 1 Bit 1 (MSB) Bit 1 (MSB) 2 Bit 2 Bit 2 3 Bit 3 Bit 3 4 Bit 4 Bit 4 5 Bit 5 Bit 5 6 Bit 6 Bit 6 7 Bit 7 Bit 7 8 Bit 8 Bit 8 9 Bit 9 Bit 9 10 Bit 10 Bit 10 11 Bit 11 Bit 11 12 Bit 12 Bit 12 13 Bit 13 Bit 13 14 Bit 14 Bit 14 15 Bit 15 Bit 15 16 Bit 16 (LSB) Bit 16 (LSB) 17 RFEEDBACK VOUT 18 VDD VDD 19 –VCC –VCC 20 Common Common 21 IOUT Summing Junction (Zero Adjust) 22 Gain Adjust Gain Adjust 23 +VCC +VCC 24 +6.3V Reference Output +6.3V Reference Output ABSOLUTE MAXIMUM RATINGS(1) +VCC to Common ........................................................................ 0V, +18V –VCC to Common ........................................................................ 0V, –18V VDD to Common .......................................................................... 0V, +18V Digital Data Inputs to Common ................................................ –1V, +18V Reference Out to Common ........................... Indefinite Short to Common External Voltage Applied to RF (DAC702) ......................................... ±18V External Voltage Applied to D/A Output (DAC701/703) .......... –5V to +5V VOUT (DAC701/703) ....................................... Indefinite Short to Common Power Dissipation ................................................................................. 1W Storage Temperature ...................................................... –60 °C to +150°C Lead Temperature (soldering, 10s) ................................................. 300 °C NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. Exposure to absolute maximum conditions for extended periods may affect device reliability. PIN ASSIGNMENTS ELECTROSTATIC DISCHARGE SENSITIVITY This integrated circuit can be damaged by ESD. Burr-Brown recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degrada- tion to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. |
유사한 부품 번호 - DAC701BH |
|
유사한 설명 - DAC701BH |