전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC702BH 데이터시트(PDF) 9 Page - Texas Instruments

부품명 DAC702BH
상세설명  Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

DAC702BH 데이터시트(HTML) 9 Page - Texas Instruments

Back Button DAC702BH Datasheet HTML 3Page - Texas Instruments DAC702BH Datasheet HTML 4Page - Texas Instruments DAC702BH Datasheet HTML 5Page - Texas Instruments DAC702BH Datasheet HTML 6Page - Texas Instruments DAC702BH Datasheet HTML 7Page - Texas Instruments DAC702BH Datasheet HTML 8Page - Texas Instruments DAC702BH Datasheet HTML 9Page - Texas Instruments DAC702BH Datasheet HTML 10Page - Texas Instruments DAC702BH Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
®
DAC701, 702, 703
VOLTAGE OUTPUT MODELS
ANALOG OUTPUT
DAC701 UNIPOLAR
DAC703 BIPOLAR
DIGITAL INPUT CODE
16-BIT
15-BIT
14-BIT
16-BIT
15-BIT
14-BIT
1LSB
(
µV)
153
305
610
305
610
1224
0000H
(V)
+9.99985
+9.99969
+9.99939
+9.99960
+9.99939
+9.99878
FFFFH
(V)
0
0
0
–10.0000
–10.0000
–10.0000
ANALOG OUTPUT MODEL
ANALOG OUTPUT
DAC702 BIPOLAR
DIGITAL INPUT CODE
16-BIT
15-BIT
14-BIT
1LSB
(
µA)
0.031
0.061
0.122
0000H
(mA)
–0.99997
–0.99994
–0.99988
FFFFH
(mA)
+1.00000
+1.00000
+1.00000
TABLE II. Digital Input and Analog Output Relationships.
If the output cannot be sensed at Common or the system
ground point as mentioned above, the differential output
circuit shown in Figure 8 is recommended. In this circuit the
output voltage is sensed at the load common and not at the
D/A converter common as in the previous circuits. The value
of R
6 and R7 must be adjusted for maximum common-mode
rejection at RL. Note that if R3 is negligible, the circuit of
Figure 8 can be reduced to the one shown in Figure 7. Again
the effect of R4 is negligible.
The D/A converter and the wiring to its connectors should be
located to provide optimum isolation from sources of RFI
and EMI. The key concept in elimination of RF radiation or
pickup is loop area; therefore, signal leads and their return
conductors should be kept close together. This reduces the
external magnetic field along with any radiation. Also, if a
single lead and its return conductor are wired close together,
they present a small flux-capture cross section for any
external field. This reduces radiation pickup in the circuit.
FIGURE 7. Preferred External Op Amp Configuration.
FIGURE 8. Differential Sensing Output Op Amp
Configuration.
A
1
R
DAC
DAC702
R
B
Common
I
OUT
R
1
R
L
R
3
Sense Output
+5VDC
Supply
±15VDC
Supply
+V
COM
–V
System Ground
Point
+V
COM
Alternate Ground
Sense Connection
R
4
To +V
CC
To –V
CC
To V
DD
1µF
1µF
1µF
*
2.45k
R
F
*
R
2
R should be equal to the output impedance at the current output
to compensate for the bias current drift of A . Use standard 10%,
1/4W carbon composition or equivalent resistors.
B
1
DAC702
2.45k
10k
R
DAC
R
B
R
F
*
R
F
A
1
R
DAC
DAC702
R
6
Common
I
OUT
R
1
R
L
R
3
+5VDC
Supply
±15VDC
Supply
+V
COM
–V
System Ground
Point
+V
COM
Alternate Ground
Sense Connection
R
4
To +V
CC
To –V
CC
To V
DD
1µF
1µF
1µF
2.45k
R
F
*
R
2
DAC702
10k
R
DAC
R
F
*
R
F
R
5
R
7
Sense
Output
+
5
R
7
R=
+
F
R
1
R
R
6 =
DAC
R


유사한 부품 번호 - DAC702BH

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
DAC702BH BURR-BROWN-DAC702BH Datasheet
301Kb / 12P
   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
More results

유사한 설명 - DAC702BH

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
PCM54 BURR-BROWN-PCM54 Datasheet
83Kb / 7P
   16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
DAC701 BURR-BROWN-DAC701 Datasheet
301Kb / 12P
   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC70 BURR-BROWN-DAC70 Datasheet
481Kb / 10P
   Monlithic 16-bit digital-to-analog converters
logo
Texas Instruments
DAC707KH TI-DAC707KH Datasheet
121Kb / 13P
[Old version datasheet]   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Maxim Integrated Produc...
MAX1167BE MAXIM-MAX1167BE Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
logo
List of Unclassifed Man...
DAC-HP ETC-DAC-HP Datasheet
136Kb / 4P
   16-Bit, High-Performance Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC707 BURR-BROWN-DAC707 Datasheet
149Kb / 11P
   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Murata Power Solutions ...
DAC-HP16BGC MURATA-PS-DAC-HP16BGC Datasheet
139Kb / 4P
   16-Bit, High-Performance Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com