전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMG24S 데이터시트(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

부품명 FMG24S
상세설명  10.0 Ampere Insulated Glass Passivated Super Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  THINKISEMI [Thinki Semiconductor Co., Ltd.]
홈페이지  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

FMG24S 데이터시트(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  FMG24S Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. FMG24S Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to +150
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
200
140
200
300
210
300
400
280
400
10.0
10.0
100
1.3
1.3
0.98
35
250
65
2.2
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
oCW
nS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=100
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 5.0 A
At Rated DC Blocking Voltage @TJ=125
oC
Maximum Reverse Recovery Time (Note 1)
Typical Thermal Resistance (Note 3)
Features
¬
Low forward voltage drop
¬
Fast switching for high efficiency
¬
High current capability
¬
Case:ITO-220AB Insulated
¬
High surge current capability
¬
Weight: 2.2 gram approximately
¬
Polarity:As marked on diode body
method 208
¬
Mounting position: Any
¬
Terminals: Solderable per MIL-STD-202
Mechanical Data
¬
Low reverse leakage current
R JC
Temperature Range
(1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(3) Thermal Resistance junction to case.
¬
Epoxy: UL 94V-0 rate flame retardant
Unit : inch (mm)
®
FMG22 thru FMG24
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/2
Pb Free Plating Product
FMG22 thru FMG24
Pb
10.0 Ampere Insulated Glass Passivated Super Fast Recovery Rectifiers
Positive
Negative
Common Cathode
Case
Case
Common Anode
Suffix "R"
Suffix "S"
FMG22S
ITO-220AB
.189(4.8)
.406(10.3)
.130(3.3)
.114(2.9)
.071(1.8)
.055(1.4)
.035(0.9)
.011(0.3)
(2.55)
(2.55)
.1
.1
.032(.8)
.134(3.4)
.165(4.2)
.381(9.7)
.114(2.9)
.098(2.5)
.055(1.4)
.039(1.0)
MAX
.118(3.0)
FMG22R
FMG23S
FMG23R
FMG24S
FMG24R
Rev.04


유사한 부품 번호 - FMG24S

제조업체부품명데이터시트상세설명
logo
Thinki Semiconductor Co...
FMG24S THINKISEMI-FMG24S Datasheet
814Kb / 2P
   10 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
FMG24S THINKISEMI-FMG24S Datasheet
812Kb / 2P
   10 Amperes Insulated Dual Common Cathode Ultra Fast Recovery Half Bridge Rectifiers
More results

유사한 설명 - FMG24S

제조업체부품명데이터시트상세설명
logo
Thinki Semiconductor Co...
10F40HF3S THINKISEMI-10F40HF3S Datasheet
620Kb / 2P
   10.0 Ampere Insulated Common Anode Super Fast Recovery Rectifiers
SFF1001GS THINKISEMI-SFF1001GS Datasheet
641Kb / 2P
   10.0 Ampere Insulated Series Connection Super Fast Recovery Rectifiers
SFF1001GD THINKISEMI-SFF1001GD Datasheet
641Kb / 2P
   10.0 Ampere Insulated Doubler Polarity Super Fast Recovery Rectifiers
SFF1001GA THINKISEMI-SFF1001GA Datasheet
640Kb / 2P
   10.0 Ampere Insulated Common Anode Super Fast Recovery Rectifiers
SFF1001G THINKISEMI-SFF1001G Datasheet
822Kb / 2P
   10.0 Ampere Insulated Common Cathode Super Fast Recovery Rectifiers
SFF10L04GS THINKISEMI-SFF10L04GS Datasheet
1Mb / 6P
   10.0 Ampere Insulated Dual Series Connection Super Fast Recovery Rectifiers
SFF10L04GD THINKISEMI-SFF10L04GD Datasheet
1Mb / 6P
   10.0 Ampere Insulated Dual Doubler Polarity Super Fast Recovery Rectifiers
SFF10L04GA THINKISEMI-SFF10L04GA Datasheet
1Mb / 6P
   10.0 Ampere Insulated Dual Common Anode Super Fast Recovery Rectifiers
SFF10L04G THINKISEMI-SFF10L04G Datasheet
1Mb / 6P
   10.0 Ampere Insulated Dual Common Cathode Super Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
SF1001G TSC-SF1001G Datasheet
100Kb / 2P
   10.0 AMPS. Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com