전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC848BW 데이터시트(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

부품명 BC848BW
상세설명  NPN Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC848BW 데이터시트(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BC848BW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC848BW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC848BW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BC848BW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BC848BW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BC846AW/BW/CW-50AW/BW/CW
NPN Transistor
Small Signal Diode
Maximum Ratings
Units
mW
V
V
V
A
A
°C
Electrical Characteristics
Units
V
BC846AW/BW/CW
BC847AW/BW/CW
BC848AW/BW/CW
BC849AW/BW/CW
BC850AW/BW/CW
V
BC846AW/BW/CW
BC847AW/BW/CW
BC848AW/BW/CW
BC849AW/BW/CW
BC850AW/BW/CW
V
nA
nA
V
MHz
V
pF
BC846AW~BC850AW
BC846BW~BC850BW
BC846CW~BC850CW
100
Collector Output Capacitance
at VCB= 10 V,IE= 0, f= 1MHz
Cob
-
4.5
0.1
Peak Collector Current
-55 to + 150
-
-
-
110
200
420
220
450
800
Collector-Base Breakdown Voltage
at IC= 10 uA
BC846AW/BW/CW
BC847AW/BW/CW
BC848AW/BW/CW
BC849AW/BW/CW
BC850AW/BW/CW
Collector-Emitter Breakdown
Voltage
at IC= 10 mA
Collector Cut-off Current
at VCB = 30 V
IEBO
Junction and Storage Temperature Range
TJ, TSTG
VEBO
Collector Current
IC
Emitter-Base Voltage
BC846AW/BW/CW
BC847AW/BW/CW
BC848AW/BW/CW
BC849AW/BW/CW
BC850AW/BW/CW
ICM
-
-
Emitter Cut-off Current
at VEB= 5 V
-
-
-
-
-
6
6
5
5
5
100
-
0.25
0.6
Transition frequency
VCE= 5V,IC= 10 mA,f= 100 MHz
fT
6
6
5
5
5
200
Collector-Base Voltage
BC846AW/BW/CW
BC847AW/BW/CW
BC848AW/BW/CW
BC849AW/BW/CW
BC850AW/BW/CW
Collector-Emitter Voltage
BC846AW/BW/CW
BC847AW/BW/CW
BC848AW/BW/CW
BC849AW/BW/CW
BC850AW/BW/CW
VCBO
Maximum Ratings and Electrical Characteristics
VCEO
65
45
30
30
45
80
50
30
30
50
Rating at 25
°C ambient temperature unless otherwise specified.
Power Dissipation
PD
Type Number
Symbol
Value
VEBO
-
-
-
-
-
-
-
Type Number
80
50
30
30
50
Symbol
VCBO
Min
-
-
-
-
-
15
Base Emitter Voltage
at VCE= 5V,IC= 2 mA
VCE= 5V,IC= 10 mA
VBE
0.58
-
0.7
0.77
0.2
Emitter-Base Breakdown Voltage
at IE= 1 uA
Collector-Emitter saturation voltage
at IC= 10 mA,IB= 0.5 mA
IC= 100 mA,IB= 5 mA
VCE(sat)
ICBO
DC Current Gain
at VCE= 5 V,IC= 2 mA
hFE
Max
65
45
30
30
45
VCEO
Version : A12


유사한 부품 번호 - BC848BW

제조업체부품명데이터시트상세설명
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
Micro Commercial Compon...
BC848BW MCC-BC848BW Datasheet
671Kb / 5P
   NPN General Purpose Transistors
logo
Siemens Semiconductor G...
BC848BW SIEMENS-BC848BW Datasheet
272Kb / 8P
   NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Diotec Semiconductor
BC848BW DIOTEC-BC848BW Datasheet
98Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
logo
Diodes Incorporated
BC848BW DIODES-BC848BW Datasheet
47Kb / 2P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30250 Rev. 3 - 2
More results

유사한 설명 - BC848BW

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com