전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7866BRU 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD7866BRU
상세설명  Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7866BRU 데이터시트(HTML) 4 Page - Analog Devices

  AD7866BRU Datasheet HTML 1Page - Analog Devices AD7866BRU Datasheet HTML 2Page - Analog Devices AD7866BRU Datasheet HTML 3Page - Analog Devices AD7866BRU Datasheet HTML 4Page - Analog Devices AD7866BRU Datasheet HTML 5Page - Analog Devices AD7866BRU Datasheet HTML 6Page - Analog Devices AD7866BRU Datasheet HTML 7Page - Analog Devices AD7866BRU Datasheet HTML 8Page - Analog Devices AD7866BRU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
REV. A
–4–
AD7866
TIMING SPECIFICATIONS1(V
DD = 2.7 V to 5.25 V, VDRIVE = 2.7 V to 5.25 V, VREF = 2.5 V; TA = TMIN to TMAX, unless otherwise noted.)
Limit at
Parameter
TMIN, TMAX
Unit
Description
fSCLK
2
10
kHz min
20
MHz max
tCONVERT
16
tSCLK
ns max
tSCLK = 1/fSCLK
800
ns max
fSCLK = 20 MHz
tQUIET
50
ns max
Minimum Time between End of Serial Read and Next Falling Edge of
CS
t2
10
ns min
CS to SCLK Setup Time
t3
3
25
ns max
Delay from
CS until D
OUTA and DOUTB Three-State Disabled
t4
3
40
ns max
Data Access Time after SCLK Falling Edge. VDRIVE
3 V, CL = 50 pF;
VDRIVE < 3 V, CL = 25 pF
t5
0.4 tSCLK
ns min
SCLK Low Pulsewidth
t6
0.4 tSCLK
ns min
SCLK High Pulsewidth
t7
10
ns min
SCLK to Data Valid Hold Time
t8
4
25
ns max
CS Rising Edge to D
OUTA, DOUTB, High Impedance
t9
4
10
ns min
SCLK Falling Edge to DOUTA, DOUTB, High Impedance
50
ns max
SCLK Falling Edge to DOUTA, DOUTB, High Impedance
NOTES
1Sample tested at 25
°C to ensure compliance. All input signals are specified with t
R = tF = 5 ns (10% to 90% of VDRIVE) and timed from a voltage level of 1.6 V.
2Mark/Space ratio for the CLK input is 40/60 to 60/40.
3Measured with the load circuit of Figure 1 and defined as the time required for the output to cross 0.8 V or 2.0 V.
4t
8, t9 are derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 1. The measured number is then extrapo-
lated back to remove the effects of charging or discharging the 50 pF capacitor. This means that the times t8 and t9 quoted in the timing characteristics are the true
bus relinquish times of the part and are independent of the bus loading.
Specifications subject to change without notice.
1.6V
200 AIOL
200 A
IOH
CL
50pF
TO
OUTPUT
PIN
Figure 1. Load Circuit for Digital Output Timing Specifications


유사한 부품 번호 - AD7866BRU

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7866BRU AD-AD7866BRU Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866BRU AD-AD7866BRU Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
More results

유사한 설명 - AD7866BRU

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7866 AD-AD7866 Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866 AD-AD7866_15 Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866_17 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
AMIC Technology
AD7485 AMICC-AD7485 Datasheet
769Kb / 16P
   1 MSPS, Serial 14-Bit SAR ADC
logo
Analog Devices
AD7485 AD-AD7485_15 Datasheet
986Kb / 15P
   1 MSPS, Serial 14-Bit SAR ADC
REV. A
AD7485 AD-AD7485 Datasheet
812Kb / 15P
   1 MSPS, Serial 14-Bit SAR ADC
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
   16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
AD4630-24 AD-AD4630-24 Datasheet
2Mb / 49P
   24-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
AD7265 AD-AD7265 Datasheet
706Kb / 16P
   Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com