전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS4K80 데이터시트(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

부품명 TS4K80
상세설명  Glass Passivated Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4K80 데이터시트(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS4K80 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4K80 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4K80 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Min
Max
Min
Max
A
24.70
25.30
0.972
0.996
B
2.00
2.30
0.079
0.091
C
0.90
1.10
0.035
0.043
D
7.30
7.70
0.287
0.303
E
3.00
5.00
0.118
0.197
F
14.70
15.30
0.579
0.602
G
3.30
3.70
0.130
0.146
H
17.00
18.00
0.669
0.709
I
4.40
4.80
0.173
0.189
J
3.40
3.80
0.134
0.150
K
9.30
9.60
0.366
0.378
L
3.10
3.60
0.122
0.142
M
3.10
3.40
0.122
0.134
N
0.50
0.70
0.020
0.028
P/N
= Specific Device Code
G
= Green Compound
YWW
= Date Code
F
= Factory Code
Document Number:DS_D1311036
Version:D13
MARKING DIAGRAM
TS4K40 thru TS4K80
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit(mm)
Unit(inch)
0
50
100
150
200
250
300
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5- TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vsig=50mVp-p


유사한 부품 번호 - TS4K80

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS4K80 TSC-TS4K80 Datasheet
203Kb / 4P
   4A, 400V - 800V Glass Passivated Bridge Rectifiers
TS4K80-A TSC-TS4K80-A Datasheet
462Kb / 5P
   4A, 400V - 800V Glass Passivated Bridge Rectifier
More results

유사한 설명 - TS4K80

제조업체부품명데이터시트상세설명
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com