전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PZT2222AT1 데이터시트(PDF) 2 Page - Motorola, Inc

부품명 PZT2222AT1
상세설명  SOT-223 PACKAGE NPN SILICON TRANSISTOR SURFACE MOUNT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PZT2222AT1 데이터시트(HTML) 2 Page - Motorola, Inc

  PZT2222AT1 Datasheet HTML 1Page - Motorola, Inc PZT2222AT1 Datasheet HTML 2Page - Motorola, Inc PZT2222AT1 Datasheet HTML 3Page - Motorola, Inc PZT2222AT1 Datasheet HTML 4Page - Motorola, Inc PZT2222AT1 Datasheet HTML 5Page - Motorola, Inc PZT2222AT1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PZT2222AT1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS — continued (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS (continued)
Collector-Base Cutoff Current
(VCB = 60 Vdc, IE = 0)
(VCB = 60 Vdc, IE = 0, TA = 125°C)
ICBO
10
10
nAdc
µAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 0.1 mAdc, VCE = 10 Vdc)
(IC = 1.0 mAdc, VCE = 10 Vdc)
(IC = 10 mAdc, VCE = 10 Vdc)
(IC = 10 mAdc, VCE = 10 Vdc, TA = – 55°C)
(IC = 150 mAdc, VCE = 10 Vdc)
(IC = 150 mAdc, VCE = 1.0 Vdc)
(IC = 500 mAdc, VCE = 10 Vdc)
hFE
35
50
70
35
100
50
40
300
Collector-Emitter Saturation Voltages
(IC = 150 mAdc, IB = 15 mAdc)
(IC = 500 mAdc, IB = 50 mAdc)
VCE(sat)
0.3
1.0
Vdc
Base-Emitter Saturation Voltages
(IC = 150 mAdc, IB = 15 mAdc)
(IC = 500 mAdc, IB = 50 mAdc)
VBE(sat)
0.6
1.2
2.0
Vdc
Input Impedance
°
(VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz)
(VCE = 10 Vdc, IC = 10 mAdc, f = 1.0 kHz)
°hie°
2.0
0.25
8.0
1.25
k
Voltage Feedback Ratio
(VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz)
(VCE = 10 Vdc, IC = 10 mAdc, f = 1.0 kHz)
hre
8.0x10-4
4.0x10-4
Small-Signal Current Gain
(VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz)
(VCE = 10 Vdc, IC = 10 mAdc, f = 1.0 kHz)
hfe
50
75
300
375
Output Admittance
°
(VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz)
(VCE = 10 Vdc, IC = 10 mAdc, f = 1.0 kHz)
°hoe°
5.0
25
35
200
µmhos
Noise Figure (VCE = 10 Vdc, IC = 100 µAdc, f = 1.0 kHz)
F
4.0
dB
DYNAMIC CHARACTERISTICS
Current-Gain — Bandwidth Product
(IC = 20 mAdc, VCE = 20 Vdc, f = 100 MHz)
fT
300
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cc
8.0
pF
Input Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
Ce
25
pF
SWITCHING TIMES (TA = 25°C)
Delay Time
(VCC = 30 Vdc, IC = 150 mAdc,
IB(on) = 15 mAdc, VEB(off) = 0.5 Vdc)
Figure 1
td
10
ns
Rise Time
IB(on) = 15 mAdc, VEB(off) = 0.5 Vdc)
Figure 1
tr
25
Storage Time
(VCC = 30 Vdc, IC = 150 mAdc,
IB(on) = IB(off) = 15 mAdc)
Figure 2
ts
225
ns
Fall Time
IB(on) = IB(off) = 15 mAdc)
Figure 2
tf
60


유사한 부품 번호 - PZT2222AT1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
PZT2222AT1 ONSEMI-PZT2222AT1 Datasheet
136Kb / 6P
   NPN SILICON TRANSISTOR SURFACE MOUNT
1996 REV 2
PZT2222AT1/D ONSEMI-PZT2222AT1/D Datasheet
136Kb / 6P
   NPN SILICON TRANSISTOR SURFACE MOUNT
1996 REV 2
PZT2222AT1D ONSEMI-PZT2222AT1D Datasheet
136Kb / 6P
   NPN SILICON TRANSISTOR SURFACE MOUNT
1996 REV 2
PZT2222AT1G ONSEMI-PZT2222AT1G Datasheet
136Kb / 6P
   NPN SILICON TRANSISTOR SURFACE MOUNT
1996 REV 2
PZT2222AT1G ONSEMI-PZT2222AT1G Datasheet
113Kb / 5P
   NPN Silicon Planar Epitaxial Transistor
August, 2013 ??Rev. 9
More results

유사한 설명 - PZT2222AT1

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BSP19AT1 MOTOROLA-BSP19AT1 Datasheet
119Kb / 6P
   SOT.223 PACKAGE NPN SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
PZT2907AT1 MOTOROLA-PZT2907AT1 Datasheet
139Kb / 6P
   SOT-223 PACKAGE PNP SILICON TRANSISTOR SURFACE MOUNT
PZTA14T1 MOTOROLA-PZTA14T1 Datasheet
167Kb / 6P
   SOT-223 PACKAGE MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
BSP16T1 MOTOROLA-BSP16T1 Datasheet
109Kb / 6P
   SOT-223 PACKAGE PNP SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
PZT751T1 MOTOROLA-PZT751T1 Datasheet
119Kb / 6P
   SOT-223 PACKAGE HIGH CURRENT PNP SILICON TRANSISTOR SURFACE MOUNT
logo
National Semiconductor ...
MA04A NSC-MA04A Datasheet
53Kb / 1P
   MOLDED PACKAGE SOT-223
logo
Stanson Technology
ST05N20 STANSON-ST05N20 Datasheet
623Kb / 6P
   SOT-223 package design
logo
Shenzhen Luguang Electr...
MMBT3904N3 LUGUANG-MMBT3904N3 Datasheet
1Mb / 3P
   SOT-883 General Purpose Transistor NPN Silicon Surface Mount Plastic Package
Revision:20220701-P1
logo
Diodes Incorporated
FZT1053ATA DIODES-FZT1053ATA Datasheet
209Kb / 5P
   75V NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT-223
FZT1049A DIODES-FZT1049A_15 Datasheet
208Kb / 3P
   SOT 223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com