전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSG25N120 데이터시트(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

부품명 TSG25N120
상세설명  N-Channel IGBT with FRD.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSG25N120 데이터시트(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSG25N120 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSG25N120 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSG25N120 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSG25N120 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSG25N120 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSG25N120 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSG25N120 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSG25N120 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSG25N120 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TSG25N120CN
N-Channel IGBT with FRD.
3/9
Version: B12
Electrical Specifications of the DIODE (Tc=25
oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Diode Forward Voltage
IF = 25A,
TJ=25
oC
VFM
--
2.0
2.5
V
TJ=125
oC
--
2.18
--
V
Reverse Recovery Time
IF = 25A,
dl/dt=200A/us
TJ=25
oC
tfr
--
300
480
ns
TJ=125
oC
--
360
--
Reverse Recovery Current
TJ=25
oC
Ifr
--
27
41
A
TJ=125
oC
--
31
--
Reverse Recovery Charge
TJ=25
oC
Qfr
--
4000
6000
nC
TJ=125
oC
--
5580
--


유사한 부품 번호 - TSG25N120

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TSG25N120 TSC-TSG25N120 Datasheet
417Kb / 9P
   N-Channel IGBT with FRD
TSG25N120CN TSC-TSG25N120CN Datasheet
417Kb / 9P
   N-Channel IGBT with FRD.
TSG25N120CNC0 TSC-TSG25N120CNC0 Datasheet
417Kb / 9P
   N-Channel IGBT with FRD.
More results

유사한 설명 - TSG25N120

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TSG60N100CE TSC-TSG60N100CE Datasheet
431Kb / 9P
   N-Channel IGBT with FRD
TSG40N120 TSC-TSG40N120 Datasheet
661Kb / 10P
   N-Channel IGBT with FRD.
TSG25N120 TSC-TSG25N120 Datasheet
417Kb / 9P
   N-Channel IGBT with FRD
TSG25N120CN TSC-TSG25N120CN Datasheet
417Kb / 9P
   N-Channel IGBT with FRD.
TSG15N120CN TSC-TSG15N120CN Datasheet
450Kb / 9P
   N-Channel IGBT with FRD.
TSG60N100 TSC-TSG60N100 Datasheet
431Kb / 9P
   N-Channel IGBT with FRD.
TSG40N120CE TSC-TSG40N120CE Datasheet
661Kb / 10P
   N-Channel IGBT with FRD
TSG15N120 TSC-TSG15N120 Datasheet
450Kb / 9P
   N-Channel IGBT with FRD.
logo
Advanced Power Electron...
AP30G120SW A-POWER-AP30G120SW Datasheet
93Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD
AP05G120SW-HF A-POWER-AP05G120SW-HF Datasheet
59Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com