전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PZT751T1 데이터시트(PDF) 2 Page - Motorola, Inc

부품명 PZT751T1
상세설명  SOT-223 PACKAGE HIGH CURRENT PNP SILICON TRANSISTOR SURFACE MOUNT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PZT751T1 데이터시트(HTML) 2 Page - Motorola, Inc

  PZT751T1 Datasheet HTML 1Page - Motorola, Inc PZT751T1 Datasheet HTML 2Page - Motorola, Inc PZT751T1 Datasheet HTML 3Page - Motorola, Inc PZT751T1 Datasheet HTML 4Page - Motorola, Inc PZT751T1 Datasheet HTML 5Page - Motorola, Inc PZT751T1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PZT751T1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristics
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = 10 mAdc, IB = 0)
V(BR)CEO
60
Vdc
Collector–Emitter Breakdown Voltage
(IC = 100 µAdc, IE = 0)
V(BR)CBO
80
Vdc
Emitter–Base Breakdown Voltage
(IE = 10 µAdc, IC = 0)
V(BR)EBO
5.0
Vdc
Base–Emitter Cutoff Current
(VEB = 4.0 Vdc)
IEBO
0.1
µAdc
Collector–Base Cutoff Current
(VCB = 80 Vdc, IE = 0)
ICBO
100
nAdc
ON CHARACTERISTICS (2)
DC Current Gain
(IC = 50 mAdc, VCE = 2.0 Vdc)
(IC = 500 mAdc, VCE = 2.0 Vdc)
(IC = 1.0 Adc, VCE = 2.0 Vdc)
(IC = 2.0 Adc, VCE = 2.0 Vdc)
hFE
75
75
75
40
Collector–Emitter Saturation Voltages
(IC = 2.0 Adc, IB = 200 mAdc)
(IC = 1.0 Adc, IB = 100 mAdc)
VCE(sat)
0.5
0.3
Vdc
Base–Emitter Voltages
(IC = 1.0 Adc, VCE = 2.0 Vdc)
VBE(on)
1.0
Vdc
Base–Emitter Saturation Voltage
(IC = 1.0 Adc, IB = 100 mAdc)
VBE(sat)
1.2
Vdc
Current–Gain–Bandwidth
(IC = 50 mAdc, VCE = 5.0 Vdc, f = 100 MHz)
fT
75
MHz
2. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle = 2.0%.


유사한 부품 번호 - PZT751T1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
PZT751T1 ONSEMI-PZT751T1 Datasheet
127Kb / 6P
   PNP Silicon Planar Epitaxial Transistor
January, 2004 ??Rev. 4
PZT751T1G ONSEMI-PZT751T1G Datasheet
127Kb / 6P
   PNP Silicon Planar Epitaxial Transistor
January, 2004 ??Rev. 4
PZT751T1G ONSEMI-PZT751T1G Datasheet
133Kb / 4P
   PNP Silicon Planar Epitaxial Transistor
October, 2010 -- Rev. 6
PZT751T1G ONSEMI-PZT751T1G Datasheet
65Kb / 4P
   PNP Silicon Planar Epitaxial Transistor
January, 2015 ??Rev. 9
PZT751T1G ONSEMI-PZT751T1G_10 Datasheet
133Kb / 4P
   PNP Silicon Planar Epitaxial Transistor
October, 2010 -- Rev. 6
More results

유사한 설명 - PZT751T1

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
PZT2907AT1 MOTOROLA-PZT2907AT1 Datasheet
139Kb / 6P
   SOT-223 PACKAGE PNP SILICON TRANSISTOR SURFACE MOUNT
BSP16T1 MOTOROLA-BSP16T1 Datasheet
109Kb / 6P
   SOT-223 PACKAGE PNP SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
PZT2222AT1 MOTOROLA-PZT2222AT1 Datasheet
136Kb / 6P
   SOT-223 PACKAGE NPN SILICON TRANSISTOR SURFACE MOUNT
BSP19AT1 MOTOROLA-BSP19AT1 Datasheet
119Kb / 6P
   SOT.223 PACKAGE NPN SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
PZTA14T1 MOTOROLA-PZTA14T1 Datasheet
167Kb / 6P
   SOT-223 PACKAGE MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
NSL35TT1 ONSEMI-NSL35TT1 Datasheet
208Kb / 7P
   High Current Surface Mount PNP Silicon Mount PNP Silicon Transistor
August, 2006 ??Rev. 3
logo
Central Semiconductor C...
CZT751 CENTRAL-CZT751_10 Datasheet
533Kb / 2P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CZT751 CENTRAL-CZT751_15 Datasheet
533Kb / 2P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CZT955 CENTRAL-CZT955_15 Datasheet
979Kb / 3P
   SURFACE MOUNT SILICON HIGH CURRENT PNP TRANSISTOR
CZT751 CENTRAL-CZT751 Datasheet
73Kb / 2P
   SURFACE MOUNT PNP HIGH CURRENT SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com