전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP03FT9 데이터시트(PDF) 6 Page - Analog Devices

부품명 TMP03FT9
상세설명  Serial Digital Output Thermometers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

TMP03FT9 데이터시트(HTML) 6 Page - Analog Devices

Back Button TMP03FT9 Datasheet HTML 2Page - Analog Devices TMP03FT9 Datasheet HTML 3Page - Analog Devices TMP03FT9 Datasheet HTML 4Page - Analog Devices TMP03FT9 Datasheet HTML 5Page - Analog Devices TMP03FT9 Datasheet HTML 6Page - Analog Devices TMP03FT9 Datasheet HTML 7Page - Analog Devices TMP03FT9 Datasheet HTML 8Page - Analog Devices TMP03FT9 Datasheet HTML 9Page - Analog Devices TMP03FT9 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TEMPERATURE – C
0
–75
10
V+ = 5V
RLOAD = 10k
20
30
40
50
60
70
–25
25
75
125
175
TPC 1. Output Frequency vs. Temperature
TEMPERATURE – C
0
–75
5
VS = 5V
RLOAD = 10k
10
15
20
25
30
35
–25
25
75
125
175
40
45
T1
T2
TPC 2. T1 and T2 Times vs. Temperature
TIME SCALE = 250ns/DIV
SAMPLE
( T )
TA = 25 C
VDD = 5V
CLOAD = 100pF
RLOAD = 1k
RUNNING:
200MS/s ET
CH 1 +WIDTH
s
Wfm DOES NOT
CROSS REF
CH 1 –WIDTH
s
Wfm DOES NOT
CROSS REF
CH 1 RISE
s
NO VALID EDGE
CH 1 FALL
209.6ns
TPC 3. TMP03 Output Fall Time at 25
°C
SUPPLY VOLTAGE – Volts
0.97
4.5
TA = 25 C
RLOAD = 10k
5
5.5
6
6.5
7
7.5
0.98
0.99
1.00
1.01
1.02
1.03
1.04
1.05
TPC 4. Normalized Output Frequency vs. Supply Voltage
TIME SCALE = 1 s/DIV
SAMPLE
( T )
TA = 25 C
VDD = 5V
CLOAD = 100pF
RLOAD = 1k
RUNNING:
50.0MS/s
CH 1 +WIDTH
s
Wfm DOES NOT
CROSS REF
CH 1 –WIDTH
s
Wfm DOES NOT
CROSS REF
CH 1 RISE
500ns
CH 1 FALL
s
NO VALID EDGE
TPC 5. TMP03 Output Rise Time at 25
°C
TIME SCALE = 1 s/DIV
SAMPLE
( T )
TA = 125 C
VDD = 5V
CLOAD = 100pF
RLOAD = 1k
RUNNING:
50.0MS/s
CH 1 +WIDTH
s
Wfm DOES NOT
CROSS REF
CH 1 –WIDTH
s
Wfm DOES NOT
CROSS REF
CH 1 RISE
5380ns
CH 1 FALL
s
NO VALID EDGE
TPC 6. TMP03 Output Rise Time at 125
°C
REV. A
–6–
TMP03/TMP04–Typical Performance Characteristics


유사한 부품 번호 - TMP03FT9

제조업체부품명데이터시트상세설명
logo
Analog Devices
TMP03FT9 AD-TMP03FT9 Datasheet
375Kb / 16P
   Serial Digital Output Thermometers
REV. 0
TMP03FT9 AD-TMP03FT9 Datasheet
220Kb / 16P
   Serial Digital Output Thermometers
REV. A
TMP03FT9Z AD-TMP03FT9Z Datasheet
220Kb / 16P
   Serial Digital Output Thermometers
REV. A
More results

유사한 설명 - TMP03FT9

제조업체부품명데이터시트상세설명
logo
Analog Devices
TMP03FSZ AD-TMP03FSZ Datasheet
220Kb / 16P
   Serial Digital Output Thermometers
REV. A
TMP04 AD-TMP04_15 Datasheet
220Kb / 16P
   Serial Digital Output Thermometers
TMP03 AD-TMP03 Datasheet
375Kb / 16P
   Serial Digital Output Thermometers
REV. 0
TMP03FT9Z AD-TMP03FT9Z Datasheet
220Kb / 16P
   Serial Digital Output Thermometers
REV. A
TMP03 AD-TMP03_15 Datasheet
220Kb / 16P
   Serial Digital Output Thermometers
TMP03 AD-TMP03_16 Datasheet
315Kb / 17P
   Serial Digital Output Thermometers
logo
List of Unclassifed Man...
715 ETC2-715 Datasheet
100Kb / 1P
   DUAL INPUT DIGITAL THERMOMETERS
625 ETC2-625 Datasheet
87Kb / 1P
   COMPACT DIGITAL THERMOMETERS & THERMO-HYGROMETERS
logo
Analog Devices
AD9644 AD-AD9644_17 Datasheet
1Mb / 45P
   Serial Output Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADC804 BURR-BROWN-ADC804 Datasheet
694Kb / 8P
   SERIAL OUTPUT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com