전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD847JR 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD847JR
상세설명  High Speed, Low Power Monolithic Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD847JR 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD847JR Datasheet HTML 4Page - Analog Devices AD847JR Datasheet HTML 5Page - Analog Devices AD847JR Datasheet HTML 6Page - Analog Devices AD847JR Datasheet HTML 7Page - Analog Devices AD847JR Datasheet HTML 8Page - Analog Devices AD847JR Datasheet HTML 9Page - Analog Devices AD847JR Datasheet HTML 10Page - Analog Devices AD847JR Datasheet HTML 11Page - Analog Devices AD847JR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD847
REV. F
–10–
VIDEO LINE DRIVER
The AD847 functions very well as a low cost, high speed line
driver for either terminated or unterminated cables. Figure 23
shows the AD847 driving a doubly terminated cable in a fol-
lower configuration.
The termination resistor, RT, (when equal to the cable’s charac-
teristic impedance) minimizes reflections from the far end of the
cable. While operating from
±5 V supplies, the AD847 main-
tains a typical slew rate of 200 V/
µs, which means it can drive a
±1 V, 30 MHz signal into a terminated cable.
0.1
µF
0.1
µF
500
500
75
AD847
75
75
R T
RBT
C
C
SEE TABLE I
+VS
V
IN
VOUT
–V
S
IN
R
100
75
COAX
75
COAX
Figure 23. Video Line Driver
Table I. Video Line Driver Performance Chart
Over-
VIN*VSUPPLY
CC
–3 dB BW shoot
0 dB or
±500 mV Step
±15
20 pF
23 MHz
4%
0 dB or
±500 mV Step
±15
15 pF
21 MHz
0%
0 dB or
±500 mV Step
±15
0 pF
13 MHz
0%
0 dB or
±500 mV Step
±5
20 pF
18 MHz
2%
0 dB or
±500 mV Step
±5
15 pF
16 MHz
0%
0 dB or
±500 mV Step
±5
0 pF
11 MHz
0%
*–3 dB bandwidth numbers are for the 0 dBm signal input. Overshoot numbers
are the percent overshoot of the 1 volt step input.
A back-termination resistor (RBT, also equal to the characteristic
impedance of the cable) may be placed between the AD847 out-
put and the cable input, in order to damp any reflected signals
caused by a mismatch between RT and the cable’s characteristic
impedance. This will result in a flatter frequency response, al-
though this requires that the op amp supply
±2 V to the output
in order to achieve a
±1 V swing at resistor R
T.
Figure 24 shows the AD847 driving 100 pF and 1000 pF loads.
Figure 24. AD847 Driving Capacitive Loads
FLASH ADC INPUT BUFFER
The 35 MHz unity gain bandwidth of the AD847 makes it an
excellent choice for buffering the input of high speed flash A/D
converters, such as the AD9048.
Figure 25 shows the AD847 as a unity inverter for the input to
the AD9048.
AD9048
50
1.5k
10k
2k
0.1
0.1
100
27
2N3906
AD741
5
0.1
µF
RB
RT
VIN
VCC
AD847
1.5k
V
EE
ANALOG
INPUT
(0V TO +2V)
TTL
CONVERT
SIGNAL
0.1
µF
0.1
µF
–5.2V +5.0V
CONVERT
D1
(MSB)
D8
(LSB)
–5.2V
43
1k
1k
AD589
Figure 25. Flash ADC Input Buffer


유사한 부품 번호 - AD847JR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD847JR AD-AD847JR Datasheet
241Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD847JR AD-AD847JR Datasheet
245Kb / 12P
   High Speed, Low Power Monolithic Op Amp
Rev. F
AD847JR AD-AD847JR Datasheet
172Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
logo
List of Unclassifed Man...
AD847JRZ ETC2-AD847JRZ Datasheet
87Kb / 12P
   MICROCIRCUIT, LINEAR, HIGH SPEED, LOW POWER, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Analog Devices
AD847JRZ-REEL7 AD-AD847JRZ-REEL7 Datasheet
172Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
More results

유사한 설명 - AD847JR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD847 AD-AD847 Datasheet
241Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD847JNZ AD-AD847JNZ Datasheet
245Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD849 AD-AD849_15 Datasheet
251Kb / 8P
   High Speed, Low Power Monolithic Op Amp
REV. B
AD848 AD-AD848 Datasheet
259Kb / 8P
   High Speed, Low Power Monolithic Op Amp
REV. B
AD848JRZ AD-AD848JRZ Datasheet
220Kb / 8P
   High Speed, Low Power Monolithic Op Amp
REV. B
AD848 AD-AD848_15 Datasheet
250Kb / 8P
   High Speed, Low Power Monolithic Op Amp
REV. B
AD848 AD-AD848_17 Datasheet
283Kb / 9P
   High Speed, Low Power Monolithic Op Amp
AD847ARZ AD-AD847ARZ Datasheet
245Kb / 12P
   High Speed, Low Power Monolithic Op Amp
Rev. F
AD847JRZ-REEL7 AD-AD847JRZ-REEL7 Datasheet
172Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD847 AD-AD847_15 Datasheet
245Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com