전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1580BRTZ-REEL7 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD1580BRTZ-REEL7
상세설명  1.2 V Micropower, Precision Shunt Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1580BRTZ-REEL7 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD1580BRTZ-REEL7 Datasheet HTML 4Page - Analog Devices AD1580BRTZ-REEL7 Datasheet HTML 5Page - Analog Devices AD1580BRTZ-REEL7 Datasheet HTML 6Page - Analog Devices AD1580BRTZ-REEL7 Datasheet HTML 7Page - Analog Devices AD1580BRTZ-REEL7 Datasheet HTML 8Page - Analog Devices AD1580BRTZ-REEL7 Datasheet HTML 9Page - Analog Devices AD1580BRTZ-REEL7 Datasheet HTML 10Page - Analog Devices AD1580BRTZ-REEL7 Datasheet HTML 11Page - Analog Devices AD1580BRTZ-REEL7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD1580
Rev. F | Page 9 of 12
TRANSIENT RESPONSE
Many ADC and DAC converters present transient current
loads to the reference. Poor reference response can degrade
the converter’s performance.
Figure 22 displays both the coarse and fine settling characteristics
of the device to load transients of ±50 μA.
(a)
(b)
1µs/DIV
1mV/DIV
20mV/DIV
IR = 100µA – 50µA STEP
IR = 100µA + 50µA STEP
1mV/DIV
20mV/DIV
Figure 22. Transient Settling
Figure 22a shows the settling characteristics of the device for
an increased reverse current of 50 μA. Figure 22b shows the
response when the reverse current is decreased by 50 µA.
The transients settle to 1 mV in about 3 µs.
Attempts to drive a large capacitive load (in excess of 1000 pF) may
result in ringing, as shown in the step response (see Figure 23).
This is due to the additional poles formed by the load capacit-
ance and the output impedance of the reference. A recommended
method of driving capacitive loads of this magnitude is shown
in Figure 20. A resistor isolates the capacitive load from the
output stage, while the capacitor provides a single-pole low-pass
filter and lowers the output noise.
1.8V
2.0V
VIN
CL = 0.01µF
50µs/DIV
10mV/DIV
Figure 23. Transient Response with Capacitive Load
PRECISION MICROPOWER LOW DROPOUT
REFERENCE
The circuit in Figure 24 provides an ideal solution for making
a stable voltage reference with low standby power consumption,
low input/output dropout capability, and minimum noise output.
The amplifier both buffers and optionally scales up the AD1580
output voltage, VR. Output voltages as high as 2.1 V can supply
1 mA of load current. A one-pole filter connected between the
AD1580 and the OP193 input can be used to achieve low output
noise. The nominal quiescent power consumption is 200 µW.
3V
34.8k
AD1580
OP193
VOUT = +1.225V
OR
VOUT = +1.225 (1 + R2/R3)
R3
R2
4.7µF
205
Figure 24. Micropower Buffered Reference
USING THE AD1580 WITH 3 V DATA CONVERTERS
The AD1580 low output drift (50 ppm/°C) and compact submi-
niature SOT-23 package make it ideally suited for today’s high
performance converters in space critical applications.
One family of ADCs for which the AD1580 is well suited is the
AD7714-3 and AD7715-3. The AD7714/AD7715 are charge-
balancing ( ∑-∆) ADCs with on-chip digital filtering intended for
the measurement of wide dynamic range, low frequency signals
such as those representing chemical, physical, or biological
processes. Figure 25 shows the AD1580 connected to the
AD7714-3/AD7715-3 for 3 V operation.
AD7714-3 AND AD7715–3
AD1580
3V
34.8k
REFIN(+)
REFIN(–)
HIGH
IMPEDANCE
>1G
RSW
5k
Ω (TYP)
CREF
(3pF TO 8pF)
SWITCHING
FREQUENCY DEPENDS
ON
fCLKIN
Figure 25. Reference Circuit for the AD7714-3 and AD7715-3


유사한 부품 번호 - AD1580BRTZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1580BRTZ-REEL7 AD-AD1580BRTZ-REEL7 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision
Rev. F
AD1580BRTZ-REEL7 AD-AD1580BRTZ-REEL7 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580BRTZ-REEL7 AD-AD1580BRTZ-REEL7 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580BRTZ-REEL7 AD-AD1580BRTZ-REEL7 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
More results

유사한 설명 - AD1580BRTZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1580ART-REEL7 AD-AD1580ART-REEL7 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580BRT AD-AD1580BRT Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580ART AD-AD1580ART Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
ADR1581 AD-ADR1581_15 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
ADR1581 AD-ADR1581 Datasheet
524Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
ADR1581BRTZ-REEL7 AD-ADR1581BRTZ-REEL7 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com