전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8013AN 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD8013AN
상세설명  Single Supply, Low Power, aTriple Video Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8013AN 데이터시트(HTML) 4 Page - Analog Devices

  AD8013AN Datasheet HTML 1Page - Analog Devices AD8013AN Datasheet HTML 2Page - Analog Devices AD8013AN Datasheet HTML 3Page - Analog Devices AD8013AN Datasheet HTML 4Page - Analog Devices AD8013AN Datasheet HTML 5Page - Analog Devices AD8013AN Datasheet HTML 6Page - Analog Devices AD8013AN Datasheet HTML 7Page - Analog Devices AD8013AN Datasheet HTML 8Page - Analog Devices AD8013AN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD8013
REV. A
–4–
METALIZATION PHOTO
Contact factory for latest dimensions.
Dimensions shown in inches and (mm).
+IN1
5
+vs
4
DISABLE 3
3
2 DISABLE 2
1 DISABLE 1
14 OUT 2
–IN1 6
OUT1 7
OUT3 8
–IN3 9
10
+IN3
11
–VS
12
+IN2
13
–IN2
0.071 (1.81)
0.044 (1.13)
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD8013 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recom-
mended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
SUPPLY VOLTAGE –
± Volts
6
0
17
2
3456
5
4
3
2
1
Figure 1. Input Common-Mode Voltage Range vs.
Supply Voltage
SUPPLY VOLTAGE –
± Volts
12
0
17
2
3456
10
8
6
4
2
NO LOAD
RL = 150Ω
Figure 2. Output Voltage Swing vs. Supply Voltage


유사한 부품 번호 - AD8013AN

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8013AN AD-AD8013AN Datasheet
319Kb / 12P
   Single Supply, Low Power, Triple Video Amplifier
REV. A
More results

유사한 설명 - AD8013AN

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD813 AD-AD813_15 Datasheet
553Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813ANZ AD-AD813ANZ Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD8013 AD-AD8013 Datasheet
319Kb / 12P
   Single Supply, Low Power, Triple Video Amplifier
REV. A
AD813ANZ AD-AD813ANZ Datasheet
553Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813 AD-AD813 Datasheet
550Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813 AD-AD813_17 Datasheet
586Kb / 20P
   Single Supply, Low Power Triple Video Amplifier
AD813ARZ-14 AD-AD813ARZ-14 Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD8013 AD-AD8013_15 Datasheet
322Kb / 12P
   Single Supply, Low Power, Triple Video Amplifier
REV. A
logo
Texas Instruments
OPA832 TI1-OPA832 Datasheet
753Kb / 30P
[Old version datasheet]   Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
OPA832 TI1-OPA832_15 Datasheet
755Kb / 30P
[Old version datasheet]   Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com