전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UF1A 데이터시트(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

부품명 UF1A
상세설명  1.0 AMP. Glass Passivated High Efficient Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UF1A 데이터시트(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  UF1A_13 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UF1A_13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UF1A_13 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd UF1A_13 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Ordering information
DO-41
52mm
DO-41
26mm
DO-41
52mm
DO-41
52mm
DO-41
AB
Z
T
E
L1-L2∣
DD1
D0
W
±0.5
±1.5
MAX
±0.4
MAX
MAX
±0.3
±0.4
±1.0
DO-41
5
26
1.2
6
0.8
1
330
85.7
16.6
76
DO-41
5
52.4
1.2
6
0.8
1
330
85.7
16.6
76
Unit (mm)
Symbol
A
B
C
D
Version:E13
R1G
B0
B0G
UF1x
3K / AMMO box
Packing code
Packing code
(Green)
A0
A0G
A1
A1G
R0
R0G
Part No.
Package
Packing
INNER
TAPE
5K / 13" Reel
5K / 13" Reel
1K / Bulk packing
3K / AMMO box
R1
Unit(mm)
5.1
0.8
3.0
1.2
Note: "x" is Device Code from "A" thru "M".
AXIAL LEAD TAPING SPECIFICATIONS
Outline
Suggested Mounting Hole Rule


유사한 부품 번호 - UF1A_13

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
UF1A TSC-UF1A_1 Datasheet
68Kb / 2P
   1.0 AMP. Glass Passivated Ultrafast Plastic Rectifiers
UF1A TSC-UF1A_10 Datasheet
602Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Micro Commercial Compon...
UF1A MCC-UF1A_11 Datasheet
230Kb / 3P
   1 Amp Surface Mount Ultra Fast Rectifier 50 to 1000 Volts
logo
Taiwan Semiconductor Co...
UF1A TSC-UF1A_14 Datasheet
381Kb / 4P
   Glass Passivated High Efficient Rectifiers
More results

유사한 설명 - UF1A_13

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
HT11G TSC-HT11G_10 Datasheet
563Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
MUR160 TSC-MUR160_10 Datasheet
504Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
UF4001 TSC-UF4001_10 Datasheet
599Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
HER101G TSC-HER101G_10 Datasheet
611Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
HT11G TSC-HT11G Datasheet
64Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
HER101G TSC-HER101G Datasheet
70Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
HER101SG TSC-HER101SG_10 Datasheet
588Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Shenzhen Luguang Electr...
HER101SG LUGUANG-HER101SG Datasheet
1Mb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
UF1A TSC-UF1A Datasheet
247Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
MUR160A TSC-MUR160A_10 Datasheet
563Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com