전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-7800A-000E 데이터시트(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-7800A-000E
상세설명  15 kV/關s Common-Mode Rejection at VCM = 1000 V
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7800A-000E 데이터시트(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-7800A-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A-000E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A-000E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A-000E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A-000E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A-000E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A-000E Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image

Figure 12. Gain vs. Frequency.
Figure 13. Phase vs. Frequency.
Figure 14. Propagation Delay vs. Temperature.
Figure 6. Gain vs. Supply.
Figure 7. Nonlinearity vs. Temperature.
Figure 8. Nonlinearity vs. Supply.
Figure 9. Output Voltage vs. Input Voltage.
Figure 10. Supply Current vs. Input Voltage.
Figure 11. Input Current vs. Input Voltage.
VDD - SUPPLY VOLTAGE - V
8.028
8.032
4.75
5.0
8.024
4.5
5.5
5.25
8.03
8.026
vs. VDD1
vs. VDD2
TA - TEMPERATURE - ¡C
0.02
0.015
0.005
-25
0.03
35
95
0
0.025
-55
125
0.01
5
65
VDD - SUPPLY VOLTAGE - V
0.005
4.75
5.0
0.002
4.5
5.5
5.25
0.004
0.003
vs. VDD1
vs. VDD2
VIN - INPUT VOLTAGE - V
2.6
1.8
-0.3
4.2
-0.1
0.1
0.3
VOP
VOR
1.0
3.4
-0.5
0.5
VIN - INPUT VOLTAGE - V
7
-0.3
13
-0.1
0.1
0.3
4
10
-0.5
0.5
IDD1
IDD2
VIN - INPUT VOLTAGE - V
-3
-0.4
0
-0.2
0.2
0.4
-5
-1
-0.6
0.6
-2
-4
0
FREQUENCY (Hz)
-2
1
-4
0
10
100000
-1
-3
1000
100
10000
FREQUENCY (Hz)
-100
50
-300
0
10
100000
-50
-150
1000
-200
-250
100
10000
TA - TEMPERATURE - ˚C
3.1
-25
5.5
5
65
95
1.5
4.7
-55
125
3.9
2.3
35
Tpd 10
Tpd 50
Tpd 90
Trise


유사한 부품 번호 - HCPL-7800A-000E

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-7800A-300 HP-HCPL-7800A-300 Datasheet
375Kb / 17P
   High CMR Isolation Amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7800A-300E AVAGO-HCPL-7800A-300E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
logo
Agilent(Hewlett-Packard...
HCPL-7800A-500 HP-HCPL-7800A-500 Datasheet
375Kb / 17P
   High CMR Isolation Amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7800A-500E AVAGO-HCPL-7800A-500E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
More results

유사한 설명 - HCPL-7800A-000E

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7800A-500E AVAGO-HCPL-7800A-500E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800-500E AVAGO-HCPL-7800-500E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800A-300E AVAGO-HCPL-7800A-300E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
logo
Analog Devices
ADUM260N AD-ADUM260N Datasheet
364Kb / 23P
   High common-mode transient immunity: 100 kV/關s
ADUM250N AD-ADUM250N Datasheet
554Kb / 22P
   High common-mode transient immunity: 100 kV/關s
logo
IXYS Corporation
CPC5710N IXYS-CPC5710N Datasheet
236Kb / 10P
   Excellent common-mode rejection ratio (CMRR)
logo
NXP Semiconductors
TDA8579T PHILIPS-TDA8579T_15 Datasheet
531Kb / 16P
   Dual common-mode rejection differential line receiver
Rev. 4-23 September 2013
logo
Texas Instruments
INA1650 TI1-INA1650 Datasheet
1Mb / 39P
[Old version datasheet]   SoundPlus High Common-Mode Rejection Line Receiver
logo
NXP Semiconductors
TDA8578 PHILIPS-TDA8578 Datasheet
55Kb / 13P
   Dual common-mode rejection differential line receiver
1995 Dec 15
logo
Analog Devices
SSM2141 AD-SSM2141_15 Datasheet
208Kb / 8P
   High Common-Mode Rejection Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com