전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OP27AJGB 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 OP27AJGB
상세설명  LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

OP27AJGB 데이터시트(HTML) 1 Page - Texas Instruments

  OP27AJGB Datasheet HTML 1Page - Texas Instruments OP27AJGB Datasheet HTML 2Page - Texas Instruments OP27AJGB Datasheet HTML 3Page - Texas Instruments OP27AJGB Datasheet HTML 4Page - Texas Instruments OP27AJGB Datasheet HTML 5Page - Texas Instruments OP27AJGB Datasheet HTML 6Page - Texas Instruments OP27AJGB Datasheet HTML 7Page - Texas Instruments OP27AJGB Datasheet HTML 8Page - Texas Instruments OP27AJGB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
OP27A, OP27C
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
SLOS100E − FEBRUARY 1989 − REVISED FEBRUARY 2010
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Replacements for ADI, PMI and LTC OP27
Series
Features of OP27A and OP27C:
D Maximum Equivalent Input Noise Voltage:
3.8 nV/
√Hz at 1 kHz
5.5 nV/
√Hz at 10 kHz
D Very Low Peak-to-Peak Noise Voltage at
0.1 Hz to 10 Hz . . . 80 nV Typ
D Low Input Offset Voltage
OP27A ...25
μV Max
OP27C . . . 100
μV Max
D High Voltage Amplification
OP27A ...1 V/
μV Min
OP27C ...0.7 V/
μV Min
description
The OP27 operational amplifiers combine out-
standing
noise
performance
with
excellent
precision and high-speed specifications. The
wideband noise is only 3 nV/
√Hz and with the 1/f
noise corner at 2.7 Hz, low noise is maintained for
all low-frequency applications.
The outstanding characteristics of the OP27 make
these devices excellent choices for low-noise
amplifier
applications
requiring
precision
performance and reliability.
The OP27 series is compensated for unity gain.
The OP27A and OP27C are characterized for
operation over the full military temperature range
of −55
°C to 125°C.
AVAILABLE OPTIONS
V max
STABLE
PACKAGE
TA
VIOmax
AT 25
°C
STABLE
GAIN
CERAMIC DIP
(JG)
CHIP CARRIER
(FK)
55
°C to 125°C
25
μV
1
OP27AJG
OP27AFK
−55
°C to 125°C
100
μV
1
OP27CJG
Copyright
© 2010, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
VIOTRIM
IN −
IN +
VCC −
VIOTRIM
VCC +
OUT
NC
JG PACKAGE
(TOP VIEW)
IN +
IN −
OUT
VIO TRIM
18
6
3
2
symbol
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
VCC +
NC
OUT
NC
NC
1N −
NC
IN +
NC
FK PACKAGE
(TOP VIEW)
NC − No internal connection
Pin numbers are for the JG packages.
+


유사한 부품 번호 - OP27AJGB

제조업체부품명데이터시트상세설명
logo
Texas Instruments
OP27AJGB TI-OP27AJGB Datasheet
329Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP27AJGB TI-OP27AJGB Datasheet
314Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP27AJGB TI1-OP27AJGB Datasheet
327Kb / 23P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results

유사한 설명 - OP27AJGB

제조업체부품명데이터시트상세설명
logo
Texas Instruments
OP27A TI-OP27A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LT1007 TI-LT1007 Datasheet
306Kb / 24P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1007 LINER-LT1007_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
LT1037 LINER-LT1037_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
logo
Texas Instruments
OP27A TI1-OP27A_14 Datasheet
327Kb / 23P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP27AFKB TI-OP27AFKB Datasheet
314Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP27CJGB TI-OP27CJGB Datasheet
329Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-27 LINER-OP-27_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
OP-27 LINER-OP-27 Datasheet
788Kb / 11P
   Low Noise, High Speed Precision Operational Amplifiers?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com