전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS15EA101SQ 데이터시트(PDF) 8 Page - Texas Instruments

부품명 DS15EA101SQ
상세설명  DS15EA101 0.15 to 1.5 Gbps Adaptive Cable Equalizer with LOS Detection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DS15EA101SQ 데이터시트(HTML) 8 Page - Texas Instruments

Back Button DS15EA101SQ Datasheet HTML 4Page - Texas Instruments DS15EA101SQ Datasheet HTML 5Page - Texas Instruments DS15EA101SQ Datasheet HTML 6Page - Texas Instruments DS15EA101SQ Datasheet HTML 7Page - Texas Instruments DS15EA101SQ Datasheet HTML 8Page - Texas Instruments DS15EA101SQ Datasheet HTML 9Page - Texas Instruments DS15EA101SQ Datasheet HTML 10Page - Texas Instruments DS15EA101SQ Datasheet HTML 11Page - Texas Instruments DS15EA101SQ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
DS15EA101
SNLS235H – SEPTEMBER 2006 – REVISED APRIL 2013
www.ti.com
Typical Performance (continued)
A 1.5 Gbps NRZ PRBS-7 After 25m CAT5e
An Equalized 1.5 Gbps NRZ PRBS-7 After 25m CAT5e
V:100 mV / DIV, H:100 ps / DIV
V:100 mV / DIV, H:100 ps / DIV
Figure 11.
Figure 12.
A 1.0 Gbps NRZ PRBS-7 After 50m CAT5e
An Equalized 1.0 Gbps NRZ PRBS-7 After 50m CAT5e
V:100 mV / DIV, H:150 ps / DIV
V:100 mV / DIV, H:150 ps / DIV
Figure 13.
Figure 14.
A 0.5 Gbps NRZ PRBS-7 After 100m CAT5e
An Equalized 0.5 Gbps NRZ PRBS-7 After 100m CAT5e
V:100 mV / DIV, H:400 ps / DIV
V:100 mV / DIV, H:400 ps / DIV
Figure 15.
Figure 16.
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: DS15EA101


유사한 부품 번호 - DS15EA101SQ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DS15EA101SQ NSC-DS15EA101SQ Datasheet
311Kb / 12P
   0.15 to 1.5 Gbps Adaptive Cable Equalizer with LOS Detection
More results

유사한 설명 - DS15EA101SQ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DS15EA101 NSC-DS15EA101 Datasheet
311Kb / 12P
   0.15 to 1.5 Gbps Adaptive Cable Equalizer with LOS Detection
logo
Texas Instruments
DS30EA101 TI1-DS30EA101 Datasheet
702Kb / 11P
[Old version datasheet]   0.15 to 3.125 Gbps Adaptive Cable Equalizer
DS30EA101SQE TI-DS30EA101SQE Datasheet
764Kb / 12P
[Old version datasheet]   DS30EA101 0.15 to 3.125 Gbps Adaptive Cable Equalizer
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
[Old version datasheet]   3-Gbps HD - SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com