전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMK0160D 데이터시트(PDF) 1 Page - KODENSHI_AUK CORP.

부품명 SMK0160D
상세설명  SWITCHING REGULATOR APPLICATIONS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KODENSHI [KODENSHI_AUK CORP.]
홈페이지  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SMK0160D 데이터시트(HTML) 1 Page - KODENSHI_AUK CORP.

  SMK0160D Datasheet HTML 1Page - KODENSHI_AUK CORP. SMK0160D Datasheet HTML 2Page - KODENSHI_AUK CORP. SMK0160D Datasheet HTML 3Page - KODENSHI_AUK CORP. SMK0160D Datasheet HTML 4Page - KODENSHI_AUK CORP. SMK0160D Datasheet HTML 5Page - KODENSHI_AUK CORP. SMK0160D Datasheet HTML 6Page - KODENSHI_AUK CORP. SMK0160D Datasheet HTML 7Page - KODENSHI_AUK CORP. SMK0160D Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
KSD-T6O009-001
1
SMK0160D
Advanced N-Ch Power MOSFET
G
D
PIN Connection
S
D
S
TO-252
G
SWITCHING REGULATOR APPLICATIONS
Features
• High Voltage : BVDSS=600V(Min.)
• Low Crss : Crss=3.4pF(Typ.)
• Low gate charge : Qg=3.9nC(Typ.)
• Low RDS(on) : RDS(on)=11.5Ω(Max.)
Ordering Information
Marking Diagram
Absolute maximum ratings (T
C=25°C unless otherwise noted)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
600
V
Gate-source voltage
VGSS
±30
V
(Tc=25℃)
1.0
A
Drain current (DC) *
ID
(Tc=100℃)
0.77
A
Drain current (Pulsed) *
IDM
4.0
A
Power dissipation
PD
28
W
Avalanche current (Single)
IAS
1.0
A
Single pulsed avalanche energy
EAS
22
mJ
Avalanche current (Repetitive)
IAR
1.0
A
Repetitive avalanche energy
EAR
2.5
mJ
Junction temperature
TJ
150
Storage temperature range
Tstg
-55~150
°C
* Limited by maximum junction temperature
Characteristic
Symbol
Typ.
Max.
Unit
Junction-case
Rth(J-C)
-
4.46
Thermal
resistance
Junction-ambient
Rth(J-A)
-
62.5
°C/W
Column 1,2 : Device Code
Column 3 : Production Information
e.g.) YWW
-. YWW : Date Code (year, week)
Type No.
Marking
Package Code
SMK0160D
SMK0160
TO-252
SMK
0160
YWW


유사한 부품 번호 - SMK0160D

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
SMK0160D KODENSHI-SMK0160D Datasheet
495Kb / 8P
   SWITCHING REGULATOR APPLICATIONS
logo
SHENZHEN DOINGTER SEMIC...
SMK0160D DOINGTER-SMK0160D Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
SMK0160D VBSEMI-SMK0160D Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

유사한 설명 - SMK0160D

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
   Switching Regulator Applications
TK14A55D TOSHIBA-TK14A55D Datasheet
186Kb / 6P
   Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
   Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
   Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
   Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
   Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com