전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ8.0A 데이터시트(PDF) 3 Page - Ruilongyuan Electronics Co.,Ltd

부품명 SMAJ8.0A
상세설명  Transient Voltage Suppressors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RUILON [Ruilongyuan Electronics Co.,Ltd]
홈페이지  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

SMAJ8.0A 데이터시트(HTML) 3 Page - Ruilongyuan Electronics Co.,Ltd

  SMAJ8.0A Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd SMAJ8.0A Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd SMAJ8.0A Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd SMAJ8.0A Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd SMAJ8.0A Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd SMAJ8.0A Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd SMAJ8.0A Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd SMAJ8.0A Datasheet HTML 8Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Transient Voltage Suppressors - SMAJ Series
Circuit Protection
System
Page:2
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Electriacl Characteristics
Type Number
Device Marking
Code
Reverse
Stand-Off
Voltage
Breakdown
Voltage@IT
Test
Current
Maximum
Clamping
Voltage@IPP
Peak Pulse
Current
Reverse
Leakage
@VRWM
(UNI)
(BI)
UNI
BI
VRWM(V) VBR MIN.(V)
(V)
IT(mA)
VC(V)
IPP(A)
IR(µA)
SMAJ5.0A SMAJ5.0CA
HE
TE
5.0
6.40
7.25
10
9.2
43.5
800
SMAJ6.0A SMAJ6.0CA
HG
TG
6.0
6.67
7.67
10
10.3
38.8
800
SMAJ6.5A SMAJ6.5CA
HK
TK
6.5
7.22
8.30
10
11.2
35.7
500
SMAJ7.0A SMAJ7.0CA
HM
TM
7.0
7.78
8.95
10
12.0
33.3
200
SMAJ7.5A SMAJ7.5CA
HP
TP
7.5
8.33
9.58
1
12.9
31.0
100
SMAJ8.0A SMAJ8.0CA
HR
TR
8.0
8.89
10.23
1
13.6
29.4
50
SMAJ8.5A SMAJ8.5CA
HT
TT
8.5
9.44
10.82
1
14.4
27.7
20
SMAJ9.0A SMAJ9.0CA
HV
TV
9.0
10.00
11.50
1
15.4
26.0
10
SMAJ10A
SMAJ10CA
HX
TX
10.0
11.10
12.80
1
17.0
23.5
5
SMAJ11A
SMAJ11CA
HZ
TZ
11.0
12.20
14.00
1
18.2
22.0
5
SMAJ12A
SMAJ12CA
IE
UE
12.0
13.30
15.30
1
19.9
20.1
5
SMAJ13A
SMAJ13CA
IG
UG
13.0
14.40
16.50
1
21.5
18.6
5
SMAJ14A
SMAJ14CA
IK
UK
14.0
15.60
17.90
1
23.2
17.2
5
SMAJ15A
SMAJ15CA
IM
UM
15.0
16.70
19.20
1
24.4
16.4
5
SMAJ16A
SMAJ16CA
IP
UP
16.0
17.80
20.50
1
26.0
15.3
5
SMAJ17A
SMAJ17CA
IR
UR
17.0
18.90
21.70
1
27.6
14.5
5
SMAJ18A
SMAJ18CA
IT
UT
18.0
20.00
23.30
1
29.2
13.7
5
SMAJ20A
SMAJ20CA
IV
UV
20.0
22.20
25.50
1
32.4
12.3
5
SMAJ22A
SMAJ22CA
IX
UX
22.0
24.40
28.00
1
35.5
11.2
5
SMAJ24A
SMAJ24CA
IZ
UZ
24.0
26.70
30.70
1
38.9
10.3
5
SMAJ26A
SMAJ26CA
JE
VE
26.0
28.90
33.20
1
42.1
9.5
5
SMAJ28A
SMAJ28CA
JG
VG
28.0
31.10
35.80
1
45.4
8.8
5
SMAJ30A
SMAJ30CA
JK
VK
30.0
33.30
38.30
1
48.4
8.3
5
SMAJ33A
SMAJ33CA
JM
VM
33.0
36.70
42.20
1
53.3
7.5
5
SMAJ36A
SMAJ36CA
JP
VP
36.0
40.00
46.00
1
58.1
6.9
5
SMAJ40A
SMAJ40CA
JR
VR
40.0
44.40
51.10
1
64.5
6.2
5
SMAJ43A
SMAJ43CA
JT
VT
43.0
47.80
54.90
1
69.4
5.7
5
SMAJ45A
SMAJ45CA
JV
VV
45.0
50.00
57.50
1
72.7
5.5
5
SMAJ48A
SMAJ48CA
JX
VX
48.0
53.30
61.30
1
77.4
5.2
5
SMAJ51A
SMAJ51CA
JZ
VZ
51.0
56.70
65.20
1
82.4
4.9
5
SMAJ54A
SMAJ54CA
RE
WE
54.0
60.00
69.00
1
87.1
4.6
5
SMAJ58A
SMAJ58CA
RG
WG
58.0
64.40
74.10
1
93.6
4.3
5
SMAJ60A
SMAJ60CA
RK
WK
60.0
66.70
76.70
1
96.8
4.1
5
SMAJ64A
SMAJ64CA
RM
WM
64.0
71.10
81.80
1
103.0
3.9
5
SMAJ70A
SMAJ70CA
RP
WP
70.0
77.80
89.50
1
113.0
3.5
5
SMAJ75A
SMAJ75CA
RR
WR
75.0
83.30
95.80
1
121.0
3.3
5
SMAJ78A
SMAJ78CA
RT
WT
78.0
86.70
99.70
1
126.0
3.2
5
SMAJ85A
SMAJ85CA
RV
WV
85.0
94.40
108.20
1
137.0
2.9
5
SMAJ90A
SMAJ90CA
RX
WX
90.0
100.00
115.50
1
146.0
2.7
5
SMAJ100A SMAJ100CA
RZ
WZ
100.0
111.00
128.00
1
162.0
2.5
5
SMAJ110A SMAJ110CA
SE
XE
110.0
122.00
140.50
1
177.0
2.3
5
SMAJ120A SMAJ120CA
SG
XG
120.0
133.00
153.00
1
193.0
2.0
5
SMAJ130A SMAJ130CA
SK
XK
130.0
144.00
165.50
1
209.0
1.9
5
SMAJ150A SMAJ150CA
SM
XM
150.0
167.00
192.60
1
243.0
1.6
5
SMAJ160A SMAJ160CA
SP
XP
160.0
178.00
205.00
1
259.0
1.5
5
SMAJ170A SMAJ170CA
SR
XR
170.0
189.00
217.50
1
275.0
1.4
5
SMAJ180A SMAJ180CA
ST
XT
180.0
198.00
230.40
1
292.0
1.3
5
SMAJ190A SMAJ190CA
SV
XV
190.0
209.00
243.20
1
308.0
1.3
5
SMAJ200A SMAJ200CA
SX
XX
200.0
220.00
256.00
1
324.0
1.2
5
SMAJ210A SMAJ210CA
SZ
XZ
210.0
231.00
268.80
1
340.0
1.2
5
SMAJ220A SMAJ220CA
ZE
YE
220.0
242.00
281.60
1
356.0
1.1
5
SMAJ250A SMAJ250CA
ZG
YG
250.0
279.00
309.00
1
405.0
1.0
5
SMAJ300A SMAJ300CA
ZK
YK
300.0
335.00
371.00
1
486.0
0.8
5


유사한 부품 번호 - SMAJ8.0A

제조업체부품명데이터시트상세설명
logo
MERITEK ELECTRONICS COR...
SMAJ8.0A MERITEK-SMAJ8.0A Datasheet
284Kb / 4P
   Transient Voltage Suppressors
logo
First Silicon Co., Ltd
SMAJ8.0A FS-SMAJ8.0A Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Jinan Gude Electronic D...
SMAJ8.0A JGD-SMAJ8.0A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Nanjing International G...
SMAJ8.0A DGNJDZ-SMAJ8.0A Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
TAITRON Components Inco...
SMAJ8.0A TAITRON-SMAJ8.0A Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
More results

유사한 설명 - SMAJ8.0A

제조업체부품명데이터시트상세설명
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com